Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-P346 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ACPL-P346
Description  2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P346 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ACPL-P346 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 14Page - Broadcom Corporation. ACPL-P346 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Broadcom
AV02-4078EN
11
ACPL-P346/ACPL-W346 Data Sheet
2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with
Rail-to-Rail Output
Figure 7: IOL vs. VOL
Figure 8: RDS,OH vs. Temperature
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
02468
10
VF (OFF)= 0V
VCC = 10V
VEE = 0V
TA = 25°C
VOL - OUTPUT LOW VOLTAGE - V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20406080
100
IF = 9 mA
IOUT =-2A
VCC = 10V
VEE = 0V
TA - TEMPERATURE - °C
Figure 9: RDS,OL vs. Temperaure
Figure 10: ICC vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-20
0
20406080
100
VF(OFF) = 0V
IOUT = 2A
VCC = 10V
VEE = 0V
TA - TEMPERATURE - °C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40
-20
0
20
40
60
80
100
IccL
IccH
IF = 9 mA for ICCH
VF = 0V for I CCL
VCC = 10V
VEE = 0V
ICCH
ICCL
TA - TEMPERATURE - °C
Figure 11: ICC vs. VCC
Figure 12: IFLH Hysteresis
0
0.5
1
1.5
2
2.5
3
3.5
10
12
14
16
18
20
IccL
IccH
IF = 9 mA for ICCH
VF = 0V for ICCL
TA = 25°C
VEE = 0V
ICCH
ICCL
VCC - SUPPLY VOLTAGE - V
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
3
IfLH
IfHL
TA = 25°C
VCC = 10V
VEE = 0V
IFLHON
IFLHOFF
IFLH - LOW TO HIGH CURRENT THRESHOLD - mA


Similar Part No. - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P346 AVAGO-ACPL-P346 Datasheet
361Kb / 16P
   Rail-to-rail output voltage
More results

Similar Description - ACPL-P346

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
   1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 AVAGO-ACPL-P341 Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K33T AVAGO-ACPL-K33T Datasheet
1Mb / 18P
   Automotive 2.5 A Peak High Output Current SiC MOSFET and IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO-8
logo
Broadcom Corporation.
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
   4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-H342 BOARDCOM-ACPL-H342 Datasheet
1Mb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com