Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8808Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8808Z
Description  1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8808Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8808Z Datasheet HTML 1Page - Maxim Integrated Products MAX8808Z Datasheet HTML 2Page - Maxim Integrated Products MAX8808Z Datasheet HTML 3Page - Maxim Integrated Products MAX8808Z Datasheet HTML 4Page - Maxim Integrated Products MAX8808Z Datasheet HTML 5Page - Maxim Integrated Products MAX8808Z Datasheet HTML 6Page - Maxim Integrated Products MAX8808Z Datasheet HTML 7Page - Maxim Integrated Products MAX8808Z Datasheet HTML 8Page - Maxim Integrated Products MAX8808Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1A Linear Li+ Battery Chargers with Integrated Pass
FET and Thermal Regulation in 2mm x 2mm TDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 5V, VBATT = 4.0V, RACOK = RCHG = 100k
Ω to 5V, EN = unconnected (for the MAX8808X and MAX8808Z), EN = VL (for the
MAX8808Y), RISET = 2.8k
Ω to GND, CVL = 0.47µF, CBATT = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +16V
VL, BATT, EN, ACOK, CHG to GND.........................-0.3V to +6V
VL, ISET to GND .......................................................-0.3V to +4V
VL to IN................................................................-16.3V to +0.3V
IN to BATT Continuous Current.............................................1.5A
Continuous Power Dissipation (TA = +70°C)
8-Pin 2mm x 2mm TDFN (derate 15.4mW/°C
above +70°C).............................................................1234mW
BATT Short-Circuit Duration .......................................Continuous
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
015
V
Input Operating Range
4.25
6.50
V
VIN rising
15
40
60
ACOK Threshold
VIN - VBATT, 10mV hysteresis (typ)
VIN falling
10
30
45
mV
Overvoltage-Lockout Trip Point
VIN rising, 100mV hysteresis (typ)
6.5
7
7.5
V
Charging (IIN - IBATT)
0.8
2
Disabled
0.23
0.50
IN Input Current
OFF state (VIN = VBATT = 4.0V)
0.065
mA
VL Output Voltage
IVL = 100µA
3.0
V
VL Load Regulation
IVL = 100µA to 2mA
-5
-30
mV
VL Undervoltage-Lockout Trip
Point
VVL rising, 100mV hysteresis (typ)
2.74
V
VIN = 0 to 4V
1
10
BATT Input Current
Disabled
1
10
µA
Maximum RMS Charge Current
1
ARMS
Battery Regulation Voltage
IBATT = 1mA
4.162
4.200
4.238
V
Minimum BATT Bypass
Capacitance
2.2
µF/A
Fast-Charge Current Loop
System Accuracy
VBATT = 3.5V
TA = 0°C to +85°C
418
465
512
mA


Similar Part No. - MAX8808Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8808ZETA++ MAXIM-MAX8808ZETA+ Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
More results

Similar Description - MAX8808Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
MAX1507 MAXIM-MAX1507 Datasheet
220Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 1; 11/03
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX8922L MAXIM-MAX8922L Datasheet
704Kb / 15P
   30V Li Linear Battery Charger with GSM Test Mode in 3mm x 2mm TDFN
19-4929; Rev 1; 4/10
logo
Linear Technology
LTC4059 LINER-LTC4059_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4059A LINER-LTC4059A_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
logo
TECHCODE SEMICONDUCTOR,...
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
   1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com