Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JN5169 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # JN5169
Description  IEEE802.15.4 Wireless Microcontroller
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5169 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button JN5169 Datasheet HTML 54Page - NXP Semiconductors JN5169 Datasheet HTML 55Page - NXP Semiconductors JN5169 Datasheet HTML 56Page - NXP Semiconductors JN5169 Datasheet HTML 57Page - NXP Semiconductors JN5169 Datasheet HTML 58Page - NXP Semiconductors JN5169 Datasheet HTML 59Page - NXP Semiconductors JN5169 Datasheet HTML 60Page - NXP Semiconductors JN5169 Datasheet HTML 61Page - NXP Semiconductors JN5169 Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
JN5169
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 1.3 — 22 September 2017
58 of 95
NXP Semiconductors
JN5169
IEEE802.15.4 Wireless Microcontroller
When entering into sleep mode, there is an option to retain the RAM contents throughout
the sleep period. If the wake-up timers are not to be used for a wake-up event and the
application does not require them to run continually, power can be saved by switching off
the 32 kHz oscillator if selected as the 32 kHz system clock through software control. The
oscillator will be restarted when a wake-up event occurs.
While in sleep mode, one of four possible events can cause a wake-up to occur:
transitions on DIO inputs, expiry of wake-up timers, pulse counters maturing or
comparator events. If any of these events occur and the relevant interrupt is enabled, an
interrupt is generated that will cause a wake-up from sleep. It is possible for multiple
wake-up sources to trigger an event at the same instant but only one of them will be
accountable for the wake-up period. It is therefore necessary in software to remove all
other pending wake-up events prior to requesting entry back into sleep mode; otherwise,
the device will reawaken immediately.
When wake-up occurs, a similar sequence of events to the reset process described in
Section 9.4 happens, including the checking of the supply voltage by the Supply Voltage
Monitor (Section 9.4.4). The high-speed RC oscillator is started up and, once stable, the
power to CPU system is enabled and the reset is removed. Software determines that this
is a reset from sleep and so commences with the wake-up process. If RAM contents were
held through sleep, wake-up is quicker as the software does not have to initialize RAM
contents meaning the application can recommence more quickly. See Section 14.3.5 for
wake-up timings.
10.3.1 Wake-up timer event
The JN5169 contains two 41-bit wake-up timers that are counters clocked from the
32 kHz oscillator, and can be programmed to generate a wake-up event. Following a
wake-up event, the timers continue to run. These timers are described in Section 9.9.8.
Timer events can be generated from both timers; one is intended for use by the
IEEE802.15.4 protocol, the other being available for use by the application running on the
CPU. These timers are available to run at any time, even during sleep mode.
10.3.2 DIO event
Any DIO pin when used as an input has the capability, by detecting a transition, to
generate a wake-up event. Once this feature has been enabled, the type of transition can
be specified (rising or falling edge). Even when groups of DIO lines are configured for
alternative functions, such as the UARTs or timers, any input line in the group can still be
used to provide a wake-up event. This means that an external device communicating over
the UART can wake up a sleeping device by asserting its RTS signal pin (which is the
CTS input of the JN5169).
10.3.3 Comparator event
The comparator can generate a wake-up interrupt when a change in the relative levels of
the positive and negative inputs occurs. The ability to wake up when continuously
monitoring analog signals is useful in ultra-low power applications. For example, the
JN5169 can remain in sleep mode until the voltage drops below a threshold and then be
woken up to deal with the alarm condition; the comparator has a low current mode to
facilitate this.


Similar Part No. - JN5169

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN5169-001-M00-2 NXP-JN5169-001-M00-2 Datasheet
801Kb / 27P
   ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5169-001-M03-2 NXP-JN5169-001-M03-2 Datasheet
801Kb / 27P
   ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5169-001-M06-2 NXP-JN5169-001-M06-2 Datasheet
801Kb / 27P
   ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
   ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
More results

Similar Description - JN5169

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
JN516X NXP-JN516X Datasheet
1Mb / 94P
   IEEE802.15.4 Wireless Microcontroller
2013
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
   IEEE802.15.4-2011 UWB Transceiver
logo
ATMEL Corporation
SAM-R21E ATMEL-SAM-R21E_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
SAM-R21G ATMEL-SAM-R21G_14 Datasheet
762Kb / 22P
   SMART ARM-Based Wireless Microcontroller
M44C090 ATMEL-M44C090 Datasheet
503Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR080 ATMEL-ATAR080 Datasheet
750Kb / 68P
   Low-current Microcontroller for Wireless Communication
ATAR092-D ATMEL-ATAR092-D Datasheet
1Mb / 96P
   Low-current Microcontroller for Wireless Communication
M44C090-H ATMEL-M44C090-H Datasheet
505Kb / 63P
   Low-Current Microcontroller for Wireless Communication
ATAR090-C ATMEL-ATAR090-C Datasheet
834Kb / 76P
   Low-current Microcontroller for Wireless Communication
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com