Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HTSICH56 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HTSICH56
Description  HITAG S transponder IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTSICH56 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HTSICH56 Datasheet HTML 12Page - NXP Semiconductors HTSICH56 Datasheet HTML 13Page - NXP Semiconductors HTSICH56 Datasheet HTML 14Page - NXP Semiconductors HTSICH56 Datasheet HTML 15Page - NXP Semiconductors HTSICH56 Datasheet HTML 16Page - NXP Semiconductors HTSICH56 Datasheet HTML 17Page - NXP Semiconductors HTSICH56 Datasheet HTML 18Page - NXP Semiconductors HTSICH56 Datasheet HTML 19Page - NXP Semiconductors HTSICH56 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
HTSICH56_48_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.1 — 11 December 2014
210331
16 of 21
NXP Semiconductors
HTSICH56; HTSICH48
HITAG S transponder IC
7.5.10 QUITE
With this command a Selected HITAG S Transponder can be entered into the Quiet State.
A valid Page address PADR (8 Bits) and Cyclic Redundancy Check (CRC 8) must be sent
for command structure reasons only.
Table 19.
Quiet
MSB
LSB MSB
LSB
RWD:
0 1 1 1
PADR
CRC 8
EOF
ACK
Transponder:
twresp
SOF
01


Similar Part No. - HTSICH56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HTS VISHAY-HTS Datasheet
91Kb / 3P
   High Ohmic Values (up to 100 G ohm), High Voltage Resistors (up to 50 kV) Thick Film Technology
Revision: 01-Aug-13
logo
M-System Co.,Ltd.
HTS MSYSTEM-HTS Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R MSYSTEM-HTS-00-R Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BL MSYSTEM-HTS-00-R/BL Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HTS-00-R/BN MSYSTEM-HTS-00-R/BN Datasheet
113Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
More results

Similar Description - HTSICH56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HTMS8201FTK NXP-HTMS8201FTK Datasheet
438Kb / 57P
   HITAG transponder IC
Rev. 3.3-17 October 2014
HT2X NXP-HT2X Datasheet
122Kb / 9P
   HITAG 2 transponder IC
Rev. 3.1-3 November 2014
HT1X NXP-HT1X Datasheet
132Kb / 9P
   HITAG 1 transponder IC
Rev. 3.1-10 December 2014
HTCICC64 NXP-HTCICC64 Datasheet
84Kb / 14P
   HITAG 關 RO64 transponder IC
Rev. 3.2-20 October 2014
HT1DC20S30 PHILIPS-HT1DC20S30 Datasheet
55Kb / 8P
   HITAG 1 stick transponder
2001 Sep 24
PCF7936AS PHILIPS-PCF7936AS_V01 Datasheet
39Kb / 1P
   Security Transponder, HITAG 2
July 1998
HT2DC20S20 NXP-HT2DC20S20 Datasheet
73Kb / 16P
   HITAG 2 stick transponder
2001 Oct 01
logo
Texas Instruments
TMS37134 TI-TMS37134 Datasheet
58Kb / 1P
[Old version datasheet]   Entry Transponder IC
TMS37C136 TI-TMS37C136 Datasheet
59Kb / 1P
[Old version datasheet]   Controller Entry Transponder IC
logo
NXP Semiconductors
HITAG NXP-HITAG Datasheet
781Kb / 44P
   ISO 18000 transponder IC
Rev. 3.0 - 18 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com