Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGU8051 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGU8051
Description  Low noise high linearity amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU8051 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGU8051 Datasheet HTML 1Page - NXP Semiconductors BGU8051 Datasheet HTML 2Page - NXP Semiconductors BGU8051 Datasheet HTML 3Page - NXP Semiconductors BGU8051 Datasheet HTML 4Page - NXP Semiconductors BGU8051 Datasheet HTML 5Page - NXP Semiconductors BGU8051 Datasheet HTML 6Page - NXP Semiconductors BGU8051 Datasheet HTML 7Page - NXP Semiconductors BGU8051 Datasheet HTML 8Page - NXP Semiconductors BGU8051 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NXP Semiconductors
BGU8051
Low noise high linearity amplifier
BGU8051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Product data sheet
Rev. 7 — 8 June 2017
COMPANY PUBLIC
2 / 16
4 Quick reference data
Table 1. Quick reference data
f = 900 MHz, VCC = 5 V, Tamb = 25 °C, input and output 50 Ω; Rbias = 5.1 kΩ; unless otherwise specified. All RF parameters
are measured in an application board as shown in Figure 16 with components listed in Table 9 optimized for f = 900 MHz.
Symbol Parameter
Conditions
Min Typ Max Unit
on state
36
48
60 mA
ICC
supply current
off state
-
2.8
-
mA
on state
17
18.3
20 dB
Gass
associated gain
off state
-
-21
-
dB
NF
noise figure
-
0.43 0.63 dB
PL(1dB)
output power at 1 dB gain compression
-
19
-
dBm
IP3O
output third-order intercept point
2-tone; tone spacing = 1 MHz;Pi =
-15 dBm per tone
35
39
-
dBm
5 Ordering information
Table 2. Ordering information
Package
Type number
Name
Description
Version
BGU8051
HWSON8
plastic thermal enhanced very very thin small outline package; no
leads; 8 terminals; body 2 × 2 × 0.75 mm
SOT1327-1
6 Block diagram
aaa-021372
RFIN
VBIAS
n.c.
i.c.
RFOUT
n.c.
SHDN
i.c.
BIAS
Figure 1. Block diagram


Similar Part No. - BGU8051

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU8052 NXP-BGU8052 Datasheet
200Kb / 16P
   ESD protection on all terminals
Rev. 4-20 January 2017
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
More results

Similar Description - BGU8051

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8 AVAGO-MGA-636P8_15 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com