Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8727ETB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8727ETB
Description  TFT-LCD Step-Up DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8727ETB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8727ETB Datasheet HTML 3Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 4Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 5Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 6Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 7Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 8Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 9Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 10Page - Maxim Integrated Products MAX8727ETB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX8727 is a highly efficient power supply that
employs a current-mode, fixed-frequency, pulse-width
modulation (PWM) architecture for fast transient
response and low-noise operation. The device regu-
lates the output voltage through a combination of an
error amplifier, two comparators, and several signal
generators (Figure 2). The error amplifier compares the
signal at FB to 1.24V and varies the COMP output. The
voltage at COMP determines the current trip point each
time the internal MOSFET turns on. As the load
changes, the error amplifier sources or sinks current to
the COMP output to command the inductor peak cur-
rent necessary to service the load. To maintain stability
at high duty cycles, a slope-compensation signal is
summed with the current-sense signal.
At light loads, this architecture allows the MAX8727 to
“skip” cycles to prevent overcharging the output voltage.
In this region of operation, the inductor ramps up to a
peak value of approximately 50mA, discharges to the
output, and waits until another pulse is needed again.
Output Current Capability
The output current capability of the MAX8727 is a func-
tion of current limit, input voltage, operating frequency,
and inductor value. Because of the slope compensa-
tion used to stabilize the feedback loop, the inductor
current limit depends on the duty cycle. The current
limit is determined by the following equation:
ILIM = (1.26 - 0.35 x D) x ILIM_EC
where ILIM_EC is the current limit specified at 75% duty
cycle (see the Electrical Characteristics) and D is the
duty cycle.
The output current capability depends on the current-
limit value and is governed by the following equation:
where ILIM is the current limit calculated above,
η is the
regulator efficiency (85% nominal), and D is the duty
cycle. The duty cycle when operating at the current
limit is:
where VDIODE is the rectifier diode forward voltage and
RON is the on-resistance of the internal MOSFET.
D
VV
V
VI
R
V
OUT
IN
DIODE
OUT
LIM
ON
DIODE
=
−+
−×
+
II
DV
fL
V
V
OUT MAX
LIM
IN
OSC
IN
OUT
()
.
=−
××
×
××
05
η
TFT-LCD Step-Up DC-DC Converter
_______________________________________________________________________________________
7
GND
LX
IN
FREQ
FB
COMP
4
µA
5
µA
N
ERROR
COMPARATOR
ERROR
AMPLIFIER
SKIP
COMPARATOR
SS
CLOCK
SKIP
BIAS
SHDN
MAX8727
Σ
CURRENT
SENSE
CONTROL
AND DRIVER
LOGIC
SOFT-
START
SLOPE
COMPEN-
SATION
OSCILLATOR
1.24V
Figure 2. MAX8727 Functional Diagram


Similar Part No. - MAX8727ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX872 MAXIM-MAX872 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX872-MAX874 MAXIM-MAX872-MAX874 Datasheet
112Kb / 8P
   10關A, Low-Dropout, Precision Voltage References
Rev 2; 6/97
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720EEI MAXIM-MAX8720EEI Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX8720ETX MAXIM-MAX8720ETX Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
More results

Similar Description - MAX8727ETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17062 MAXIM-MAX17062 Datasheet
250Kb / 14P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 10/07
MAX8752 MAXIM-MAX8752 Datasheet
240Kb / 12P
   TFT LCD Step-Up DC-DC Converter
Rev 0; 8/05
MAX8740 MAXIM-MAX8740 Datasheet
341Kb / 12P
   TFT-LCD Step-Up DC-DC Converter
Rev 0; 5/05
logo
Global Mixed-mode Techn...
G5120 GMT-G5120 Datasheet
90Kb / 1P
   600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
G5110 GMT-G5110 Datasheet
91Kb / 1P
   600k/1.2MHz TFT-LCD Step-Up DC-DC Converter
logo
Unisonic Technologies
UC8383 UTC-UC8383_15 Datasheet
444Kb / 9P
   STEP-UP DC/DC CONVERTER
logo
Diodes Incorporated
AP1603 DIODES-AP1603 Datasheet
159Kb / 8P
   STEP-UP DC/DC CONVERTER
AP1603 Rev. 1
logo
Anachip Corp
AP1602 ANACHIP-AP1602 Datasheet
164Kb / 7P
   Step-Up DC/DC Converter
AP1522 ANACHIP-AP1522 Datasheet
166Kb / 8P
   Step-Up DC/DC Converter
logo
Micon Design Technology...
MDT7727 MDTIC-MDT7727 Datasheet
107Kb / 4P
   Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com