Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW032BT45T6T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M58BW032BT45T6T
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032BT45T6T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M58BW032BT45T6T Datasheet HTML 7Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 8Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 9Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 10Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 11Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 12Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 13Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 14Page - STMicroelectronics M58BW032BT45T6T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11/60
M58BW032BT, M58BW032BB, M58BW032DT, M58BW032DB
Table 2. Top Boot Block Addresses,
M58BW032BT, M58BW032DT
Note: 1. Addresses are indicated in 32-bit addressing.
2. TP = Tuning Protected Block, only available for the
M58BW032B.
3. OTP Block.
#
Size (Kbit)
Address Range(1)
TP(2)
73
128
FF000h-FFFFh
yes
72
128
FE000h-FEFFFh(3)
yes
71
128
FD000h-FDFFFh
yes
70
128
FC000h-FCFFFh
yes
69
64
FB800h-FBFFFh
yes
68
64
FB000h-FB7FFh
yes
67
64
FA800h-FAFFFh
yes
66
64
FA000h-FA7FFh
yes
65
64
F9800h-F9FFFh
yes
64
64
F9000h-F97FFh
yes
63
64
F8800h-F8FFFh
yes
62
64
F8000h-F87FFh
yes
61
512
F4000h-F7FFFh
no
60
512
F0000h-F3FFFh
no
59
512
EC000h-EFFFFh
yes
58
512
E8000h-EBFFFh
yes
57
512
E4000h-E7FFFh
yes
56
512
E0000h-E3FFFh
yes
55
512
DC000h-DFFFFh
yes
54
512
D8000h-DBFFFh
yes
53
512
D4000h-D7FFFh
yes
52
512
D0000h-D3FFFh
yes
51
512
CC000h-CFFFFh
yes
50
512
C8000h-CBFFFh
yes
49
512
C4000h-C7FFFh
yes
48
512
C0000h-C3FFFh
yes
47
512
BC000h-BFFFFh
yes
46
512
B8000h-BBFFFh
yes
45
512
B4000h-B7FFFh
yes
44
512
B0000h-B3FFFh
yes
43
512
AC000h-AFFFFh
yes
42
512
A8000h-ABFFFh
yes
41
512
A4000h-A7FFFh
yes
40
512
A0000h-A3FFFh
yes
39
512
9C000h-9FFFFh
yes
38
512
98000h-9BFFFh
yes
37
512
94000h-97FFFh
yes
36
512
90000h-93FFFh
yes
35
512
8C000h-8FFFFh
yes
34
512
88000h-8BFFFh
yes
33
512
84000h-87FFFh
yes
32
512
80000h-83FFFh
yes
31
512
7C000h-7FFFFh
yes
30
512
78000h-7BFFFh
yes
29
512
74000h-77FFFh
yes
28
512
70000h-73FFFh
yes
27
512
6C000h-6FFFFh
yes
26
512
68000h-6BFFFh
yes
25
512
64000h-67FFFh
yes
24
512
60000h-63FFFh
yes
23
512
5C000h-53FFFFh
yes
22
512
58000h-5BFFFh
yes
21
512
54000h-57FFFh
yes
20
512
50000h-53FFFh
yes
19
512
4C000h-4FFFFh
yes
18
512
48000h-4BFFFh
yes
17
512
44000h-47FFFh
yes
16
512
40000h-43FFFh
yes
15
512
3C000h-3FFFFh
yes
14
512
38000h-3BFFFh
yes
13
512
34000h-37FFFh
yes
12
512
30000h-33FFFh
yes
11
512
2C000h-2FFFFh
yes
10
512
28000h-2BFFFh
yes
9
512
24000h-27FFFh
yes
8
512
20000h-23FFFh
yes
7
512
1C000h-1FFFFh
yes
6
512
18000h-1BFFFh
yes
5
512
14000h-17FFFh
yes
4
512
10000h-13FFFh
yes
3
512
0C000h-0FFFFh
yes
2
512
08000h-0BFFFh
yes
1
512
04000h-07FFFh
yes
0
512
00000h-03FFFh
yes
#Size (Kbit)
Address Range(1)
TP(2)


Similar Part No. - M58BW032BT45T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BW032BT45T6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com