Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR34B Datasheet(PDF) 8 Page - Hirose Electric

Part # HR34B
Description  Push-on Bayonet Lock Miniature Waterproof Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR34B Datasheet(HTML) 8 Page - Hirose Electric

  HR34B Datasheet HTML 1Page - Hirose Electric HR34B Datasheet HTML 2Page - Hirose Electric HR34B Datasheet HTML 3Page - Hirose Electric HR34B Datasheet HTML 4Page - Hirose Electric HR34B Datasheet HTML 5Page - Hirose Electric HR34B Datasheet HTML 6Page - Hirose Electric HR34B Datasheet HTML 7Page - Hirose Electric HR34B Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
HR34B Series
Push-on Bayonet Lock Miniature Waterproof Connectors
BApplicable tools
Description
Part No.
HRS No.
Applicable contact
Applicable cable
Manual contact crimping tool
Press
Applicator
Contact extraction tool
HT304/HR34B-1
CM-105C
AP105-HR34B-1
RP6-SC-TP
150-0107-9
901-0001-0
901-2051-2
150-0039-0
HR34B-SC1-111
HR34B-SC1-211
HR34B-SC1-111
HR34B-SC1-211
20AWG,23AWG,25AWG
20 to 25AWG
---------------
◆Manual contact crimping tool ◆Press CM-105C (Applicator
ordered separate)
◆Contact extraction tool
BHandling
BPrecautions
1. Mating
2. Un-mating
Holding the plug by the outer shell (A) align the arrow on the plug
with the alignment mark on the receptacle and push straight in.
Rotate the sleeve (B) counter-clockwise to a full stop and un-mate
the plug from the receptacle.
Plug
Mating position alignment marks
Receptacle
A
B
Rotate counter-clockwise
1. When disconnecting or inserting the connector, be sure to do so after turning off the power.
2. To insert the connector, push it in until the arrow tip of the plug mating mark indicates the specified position of the diagram below
(i.e., the mating mark of the receptacle).
3. Note that the display method of the mating mark will differ depending on the receptacle.
4. To maintain the waterproof quality and cable clamp force, use a cable that is within the range of the applicable cable diameter.
5. Please consult Hirose Electric Sales for harness assembly procedure.
Center line of the connector
1 mm max.
Alignment mark
When completely mated and locked the alignment
arrow on the plug must line-up with the center line of
the connector (alignment mark on the receptacle).
If the alignment arrow and the center line of the
connectors are not aligned (1 mm max.) re-insert
the plug until they are aligned.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 01/2016. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®


Similar Part No. - HR34B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-12WLPA-10S HIROSE-HR34B-12WLPA-10S Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
HR34B-12WLPA-10S-X HIROSE-HR34B-12WLPA-10S-X Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
HR34B-12WLPA-10SC HIROSE-HR34B-12WLPA-10SC Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
HR34B-12WLPA-10SC-X HIROSE-HR34B-12WLPA-10SC-X Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
HR34B-12WLPB-10S HIROSE-HR34B-12WLPB-10S Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
More results

Similar Description - HR34B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-12WPA-10S-X HIROSE-HR34B-12WPA-10S-X Datasheet
496Kb / 10P
   Push-on Bayonet Lock Miniature Waterproof Connector
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
SMPM HIROSE-SMPM Datasheet
170Kb / 1P
   SMPM Series 65GHz, push-on lock coaxial connectors
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
   Push-on Lock Coaxial Connectors for Digital Broadcasting
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
Hirose Electric
PO40G-J-119 HIROSE-PO40G-J-119 Datasheet
396Kb / 4P
   MIL Standard SMP Compatible Push-on Lock Coaxial Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com