Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58BW032BT60ZA3T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M58BW032BT60ZA3T
Description  32 Mbit (1Mb x32, Boot Block, Burst) 3.3V Supply Flash Memory
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58BW032BT60ZA3T Datasheet(HTML) 1 Page - STMicroelectronics

  M58BW032BT60ZA3T Datasheet HTML 1Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 2Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 3Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 4Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 5Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 6Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 7Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 8Page - STMicroelectronics M58BW032BT60ZA3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
1/60
PRELIMINARY DATA
November 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M58BW032BT, M58BW032BB
M58BW032DT, M58BW032DB
32 Mbit (1Mb x32, Boot Block, Burst)
3.3V Supply Flash Memory
FEATURES SUMMARY
SUPPLY VOLTAGE
–VDD = 3.0V to 3.6V for Program, Erase
and Read
–VDDQ = VDDQIN = 1.6V to 3.6V for I/O
Buffers
HIGH PERFORMANCE
Access Time: 45, 55 and 60ns
75MHz Effective Zero Wait-State Burst
Read
Synchronous Burst Reads
Asynchronous Page Reads
MEMORY ORGANIZATION
– Eight 64 Kbit small parameter Blocks
– Four 128Kbit large parameter Blocks (of
which one is OTP)
– Sixty-two 512Kbit main Blocks
HARDWARE BLOCK PROTECTION
–WP pin Lock Program and Erase
–VPEN signal for Program/Erase Enable
SOFTWARE BLOCK PROTECTION
Tuning Protection to Lock Program and
Erase with 64-bit User Programmable
Password (M58BW032B version only)
SECURITY
64-bit Unique Device Identifier (UID)
FAST PROGRAMMING
Write to Buffer and Program capability
OPTIMIZED FOR FDI DRIVERS
Common Flash Interface (CFI)
Fast Program/Erase Suspend feature in
each block
LOW POWER CONSUMPTION
100µA Typical Standby
Figure 1. Packages
ELECTRONIC SIGNATURE
Manufacturer Code: 20h
Top Device Code M58BW032xT: 8838h
Bottom Device Code M58BW032xB:
8837h
OPERATING TEMPERATURE RANGE
Automotive (Grade 3): 40 to 125°C
Industrial (Grade 6): 40 to 90°C
BGA
LBGA80 (ZA)
10 x 8 ball array
PQFP80 (T)


Similar Part No. - M58BW032BT60ZA3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW016BB STMICROELECTRONICS-M58BW016BB Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T3T STMICROELECTRONICS-M58BW016BB100T3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100T6T STMICROELECTRONICS-M58BW016BB100T6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA3T STMICROELECTRONICS-M58BW016BB100ZA3T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M58BW016BB100ZA6T STMICROELECTRONICS-M58BW016BB100ZA6T Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
More results

Similar Description - M58BW032BT60ZA3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
M28W160ECT STMICROELECTRONICS-M28W160ECT Datasheet
860Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160CT STMICROELECTRONICS-M28W160CT Datasheet
1,022Kb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160BT STMICROELECTRONICS-M28W160BT Datasheet
337Kb / 45P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W160CT NUMONYX-M28W160CT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
M28W160ECT NUMONYX-M28W160ECT Datasheet
1Mb / 50P
   16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W008ET STMICROELECTRONICS-M29W008ET Datasheet
282Kb / 43P
   8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com