Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6978APE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6978APE
Description  8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6978APE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6978APE Datasheet HTML 3Page - Maxim Integrated Products MAX6978APE Datasheet HTML 4Page - Maxim Integrated Products MAX6978APE Datasheet HTML 5Page - Maxim Integrated Products MAX6978APE Datasheet HTML 6Page - Maxim Integrated Products MAX6978APE Datasheet HTML 7Page - Maxim Integrated Products MAX6978APE Datasheet HTML 8Page - Maxim Integrated Products MAX6978APE Datasheet HTML 9Page - Maxim Integrated Products MAX6978APE Datasheet HTML 10Page - Maxim Integrated Products MAX6978APE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX6978 LED driver comprises a 4-wire serial
interface driving eight constant-current sinking open-
drain output ports. The outputs drive LEDs in either sta-
tic or multiplex applications (Figure 1). The constant-
current outputs are guaranteed for current accuracy
not only with chip-supply voltage variations (5V ±10%
and 3V to 5.5V), but also over a realistic range of driver
output voltage drop (0.5V to 2.5V). The drivers use cur-
rent-sensing feedback circuitry (not simple current mir-
rors) to ensure very small current variations over the full
allowed range of output voltage (see the Typical
Operating Characteristics).
The 4-wire serial interface comprises an 8-bit shift reg-
ister and an 8-bit transparent latch. The shift register is
written through a clock input CLK and a data input DIN
and the data propagates to a data output DOUT. The
data output allows multiple drivers to be cascaded and
operated together. The contents of the 8-bit shift regis-
ter are loaded into the transparent latch through a
latch-enable input LE. The latch is transparent to the
shift register outputs when high, and latches the current
state on the falling edge of LE.
Each driver output is an open-drain constant-current
sink that should be connected to the cathode of either
a single LED or a series string of multiple LEDs. The
LED anode can be connected to a supply voltage of up
to 5.5V, independent of the MAX6978 supply, V+. The
constant-current capability is up to 55mA per output,
set for all eight outputs by an external resistor, RSET.
Initial Power-Up and Operation
An internal reset circuit clears the internal registers of
the MAX6978 on power-up. All outputs OUT0–OUT7,
therefore, initialize high impedance, and the interface
output DOUT initializes low, regardless of the initial
logic levels of the CLK, DIN, OE, and LE inputs.
4-Wire Serial Interface
The serial interface on the MAX6978 is a 4-wire serial
interface using four inputs (DIN, CLK, LE, OE) and a
data output (DOUT). This interface is used to write dis-
play data to the MAX6978. The serial-interface data
word length is 8 bits, D0–D7.
The functions of the five interface pins are as follows.
DIN is the serial-data input, and must be stable when it
is sampled on the rising edge of CLK. Data is shifted in,
MSB first. This means that data bit D7 is clocked in first,
followed by 7 more data bits, finishing with the LSB D0.
CLK is the serial-clock input, which shifts data at DIN
into the MAX6978 8-bit shift register on its rising edge.
LE is the latch load input of the MAX6978, which trans-
fers data from the MAX6978 8-bit shift register to its 8-bit
latch when LE is a high (transparent latch), and latches
the data on the LE falling edge of LE (Figure 2). The ris-
ing edge of LE loads fault data into the MAX6978 8-bit
shift register, replacing bits D6 and D5 with fault data.
This fault data is automatically shifted out through DOUT
when the next display data is shifted in.
The fourth input provides output-enable control of the
output drivers. OE is high to force outputs OUT0–OUT7
high impedance, without altering the contents of the
output latches, and low to enable outputs OUT0–OUT7
to follow the state of the output latches.
8-Port, 5.5V Constant-Current LED Driver with
LED Fault Detection and Watchdog
_______________________________________________________________________________________
7
Table 1. 4-Wire Serial-Interface Truth Table
SHIFT-REGISTER
CONTENTS
LATCH CONTENTS
OUTPUT CONTENTS
SERIAL
DATA
INPUT
DIN
CLOCK
INPUT
CLK
D0
D1
D2
…Dn-1 Dn
LOAD
INPUT
LE
D0
D1
D2
…Dn-1 Dn
BLANKING
INPUT
OE
D0
D1
D2
…Dn-1 Dn
H
HR1
R2
…Rn-2 Rn-1
——
——
————
L
LR1
R2
…Rn-2 Rn-1
——
——
————
X
R0
R1
R2
…Rn-1 Rn
——
——
————
——
XX
X
XX
H
R0
R1
R2
—Rn-1 Rn
————
——
P1
P2
P3
…Pn-1 Pn
L
P0
P1
P2
…Pn-1 Pn
L
P0
P1
P2
Pn-1 Pn
——
——
——
XX
X
X
X
H
Hi-Z Hi-Z Hi-Z … Hi-Z Hi-Z
L = Low-logic level
H = High-logic level
X = Don’t care
P = Present state
R = Previous state


Similar Part No. - MAX6978APE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
304Kb / 12P
   16-Port, 36V Constant-Current LED Driver
Rev 0; 7/05
More results

Similar Description - MAX6978APE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6969 MAXIM-MAX6969_07 Datasheet
235Kb / 13P
   16-Port, 5.5V Constant-Current LED Driver
Rev 2; 9/07
MAX6969 MAXIM-MAX6969_V01 Datasheet
204Kb / 12P
   16-Port, 5.5V Constant-Current LED Driver
2010
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
List of Unclassifed Man...
MBI5171 ETC1-MBI5171 Datasheet
513Kb / 31P
   8-Bit Constant Current LED Driver with LED Error Detection and Run-Time Current Adjustment
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
   HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com