Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2116 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2116
Description  Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2116 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2116 Datasheet HTML 1Page - Maxim Integrated Products MAX2116 Datasheet HTML 2Page - Maxim Integrated Products MAX2116 Datasheet HTML 3Page - Maxim Integrated Products MAX2116 Datasheet HTML 4Page - Maxim Integrated Products MAX2116 Datasheet HTML 5Page - Maxim Integrated Products MAX2116 Datasheet HTML 6Page - Maxim Integrated Products MAX2116 Datasheet HTML 7Page - Maxim Integrated Products MAX2116 Datasheet HTML 8Page - Maxim Integrated Products MAX2116 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Complete DBS Direct-Conversion Tuner ICs
with Monolithic VCOs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
All Other Pins to GND .................................-0.3V to (VCC + 0.3V)
RFIN+ to RFIN-, XTL+ to XTL-, IDC+ to IDC-,
QDC+ to QDC- ...................................................................±2.0V
CNTOUT, XTALOUT, CPOUT, VREG1/2,
I/QOUT± to GND Short-Circuit Duration.................................10s
Continuous Current (any pin other than VCC or GND) .......10mA
Continuous Power Dissipation (TA = +85°C)
40-Pin Thin QFN (derate 23.3mW/°C above +85°C) .... 1.86W
Operating Temperature Range ..............................0°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +160°C
Soldering Temperature (10s) ..........................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, GND = 0V, GC1 = +0.75V; no AC signal applied, default register settings, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at VCC = +5V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY
Supply Voltage
4.75
5.25
V
Supply Current
LO locked at 2175MHz
195
265
mA
ANALOG GAIN CONTROL INPUT—GC1
Usable Voltage Range
0.75
2.6
V
Input Current
0.75V < GC1 < 2.6V (Note 2)
-50
+50
µA
BASEBAND OUTPUTS— IOUT, QOUT (MAX2116)
Nominal Output Voltage Swing
RLOAD = 1k
Ω // 10pF (Note 3)
0.8
VP-P
Output Clipping Voltage
2
VP-P
DC Output Voltage
1.2
V
BASEBAND OUTPUTS— IOUT±, QOUT± (MAX2118)
Bit DL = high
1
Nominal Output Voltage Swing
RLOAD = 2k
Ω // 10pF
(differential) (Note 3)
Bit DL = low
0.59
VP-P
Output Clipping Voltage
2
VP-P
Common-Mode Voltage
0.65
0.75
0.85
V
DC Offset Voltage
-50
0
+50
mV
ANALOG OUTPUT— VREG1, VREG2
Output Voltage
2.7
2.85
3.05
V
Source Current
Each output
3
mA
STATIC CONTROL INPUTS—AS2, AS1, AS0
Input Voltage High
4V
Input Voltage Low
0.5
V
Input Current
-50
+50
µA
SYNTHESIZER DC PARAMETERS
Bits CP1 = 0, CP0 = 0
±35
±50
±68
Bits CP1 = 0, CP0 = 1
±70
±100
±136
Bits CP1 = 1, CP0 = 0
±140
±200
±272
Charge Pump Source/Sink Current
Bits CP1 = 1, CP0 = 1
±280
±400
±544
µA


Similar Part No. - MAX2116

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2116EVKIT MAXIM-MAX2116EVKIT Datasheet
402Kb / 7P
   MAX2116 Evaluation Kits
Rev 0; 7/02
MAX2116UTL MAXIM-MAX2116UTL Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2116UTL++ MAXIM-MAX2116UTL+ Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
More results

Similar Description - MAX2116

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2116 MAXIM-MAX2116_V01 Datasheet
264Kb / 16P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
2008
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
   Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
   Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
logo
Broadcom Corporation.
BCM3440 BOARDCOM-BCM3440 Datasheet
107Kb / 1P
   DIRECT CONVERSION SATELLITE TUNER
logo
Maxim Integrated Produc...
MAX3580 MAXIM-MAX3580_08 Datasheet
259Kb / 21P
   Direct-Conversion TV Tuner
Rev 6; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com