Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2056ETX Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX2056ETX
Description  800MHz to 1000MHz Variable-Gain Amplifier with Analog Gain Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2056ETX Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX2056ETX Datasheet HTML 4Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 5Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 6Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 7Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 8Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 9Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 10Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 11Page - Maxim Integrated Products MAX2056ETX Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
800MHz to 1000MHz Variable-Gain
Amplifier with Analog Gain Control
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1, 3, 4, 6, 7,
9, 10, 12, 14,
18, 19,
21–24, 27,
28, 30, 31,
33, 34, 36
GND
Ground. Connect to the board’s ground plane using low-inductance layout techniques.
2
OUT_A
Second-Attenuator Output. Internally matched to 50
Ω over the operating frequency band. Connect to
IN through a DC-blocking capacitor if greater than 22dB of gain-control range is required. No
connection is required if the second attenuator is not used.
5, 13, 16, 25,
32
VCC
Power Supply. Bypass each pin to GND with capacitors as shown in the Typical Application Circuit.
Place capacitors as close to the pin as possible.
8
IN_A
Second-Attenuator Input. Internally matched to 50
Ω over the operating frequency band. Connect to a
50
Ω RF source through a DC-blocking capacitor if greater than 22dB of gain-control range is
required. No connection is required if the second attenuator is not used.
11
VCNTL
Analog Gain-Control Input. Limit voltages applied to this pin to a 1V to 4.5V range when VCC is
present to ensure device reliability.
15
RSET1
First-Stage Amplifier Bias-Current Setting. Connect to GND through a 1.2k
Ω resistor.
17
RSET2
Second-Stage Amplifier Bias-Current Setting. Connect to GND through a 3.92k
Ω resistor.
20
OUT
RF Output. Internally matched to 50
Ω over the operating frequency band. Requires a DC-blocking
capacitor.
26
AMP_IN
Amplifier Input. Internally matched to 50
Ω over the operating frequency band. Connect to ATTN_OUT
through a DC-blocking capacitor.
29
ATTN_OUT
Attenuator Output. Internally matched to 50
Ω over the operating frequency band. Connect to AMP_IN
through a DC-blocking capacitor.
35
IN
RF Input. Internally matched to 50
Ω over the operating frequency band. Connect to a 50Ω RF source
through a DC-blocking capacitor if the second attenuator is not used.
Exposed
Paddle
GND
Exposed Paddle Ground Plane. This paddle affects RF performance and provides heat dissipation.
This paddle MUST be soldered evenly to the board’s ground plane for proper operation.


Similar Part No. - MAX2056ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2056EVKIT MAXIM-MAX2056EVKIT Datasheet
258Kb / 6P
   Evaluation Kit
Rev 0; 2/05
More results

Similar Description - MAX2056ETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2057 MAXIM-MAX2057 Datasheet
814Kb / 12P
   1700MHz to 2500MHz Variable-Gain Amplifier with Analog Gain Control
Rev 0; 1/05
MAX2057 MAXIM-MAX2057_V01 Datasheet
464Kb / 13P
   1300MHz to 2700MHz Variable-Gain Amplifier with Analog Gain Control
2010
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control 400 - 2700 MHz
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA3007L RFMD-RVA3007L Datasheet
973Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com