Electronic Components Datasheet Search |
|
IS24C01-3ZI Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc |
|
IS24C01-3ZI Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc |
4 / 16 page 4 Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774 Rev. D 06/25/02 IS24C01 IS24C02 IS24C04 IS24C08 IS24C16 ISSI® DEVICE OPERATION The IS24CXX family features a serial communication and supports a bi-directional 2-wire bus transmission protocol. 2-WIRE BUS The two-wire bus is defined as a Serial Data line(SDA), and a Serial Clock Line (SCL). The protocol defines any device that sends data onto the SDA bus as a transmitter, and the receiving devices as a receiver. The bus is controlled by MASTER device which generates the SCL, controls the bus access and generates the STOP and START conditions. The IS24CXX is the SLAVE device on the bus. THE BUS PROTOCOL: -- Data transfer may be initiated only when the bus is not busy -- During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. The state of the data line represents valid data when after a START condition, the data line is stable for the duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a START condition and terminated with a STOP condition. START CONDITION The START condition precedes all commands to the devices and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The IS24CXX monitors the SDA and SCL lines and will not respond until the START condition is met. STOP CONDITION The STOP condition is defined as a LOW to HIGH transition of SDA when SCL is HIGH. All operations must end with a STOP condition. ACKNOWLEDGE After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line. DEVICE ADDRESSING The MASTER begins a transmission by sending a START condition. The MASTER then sends the address of the particular slave devices it is requesting. The SLAVE address is 8 bytes. The four most significant bytes of the address are fixed as 1010 for the IS24CXX. For the IS24C16, the bytes(B2, B1 and B0) are used for memory page addressing (the IS24C16 is organized as eight blocks of 256 bytes). For the IS24C04 out of the next three bytes, B0 is for Memory Page Addressing (the IS24C04 is organized as two blocks of 256 bytes) and A2 and A1 bytes are used as device address bytes and must compare to its hard-wire inputs pins (A2 and A1). Up to four IS24C04's may be individually addressed by the system. The page addressing bytes for IS24Cxx should be considered the most significant bytes of the data word address which follows. For the IS24C08 out of the next three bytes, B1 and B0 are for memory page addressing (the IS24C08 is organized as four blocks of 256 bytes) and the A2 bit is used as device address bit and must compare to its hard-wired input pin (A2). Up to two IS24C08 may be individually addressed by the system. The page addressing bytes for IS24CXX should be considered the most significant bytes of the data word address which follows. For the IS24C01 and IS24C02, the A0, A1, and A2 are used as device address bytes and must compare to its hard- wired input pins (A0, A1, and A2) Up to Eight IS24C01 and/ or IS24C02's may be individually addressed by the system. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the MASTER sends a START condition and the SLAVE address byte, the IS24CXX monitors the bus and responds with an Acknowledge (on the SDA line) when its address matches the transmitted slave address. The IS24CXX pulls down the SDA line during the ninth clock cycle, signaling that it received the eight bytes of data. The IS24CXXthenperformsaReadorWriteoperationdepending on the state of the R/ W bit. WRITE OPERATION BYTE WRITE In the Byte Write mode, the Master device sends the START condition and the slave address information(with the R/ W set to Zero) to the Slave device. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the IS24CXX. After receiving another acknowledge from the Slave, the Master device transmits the data byte to be written into the address memory location. The IS24CXX acknowledges once more and the Master generates the STOP condition, at which time the device begins its internal programming cycle. While this internal cycle is in progress, the device will not respond to any request from the Master device. |
Similar Part No. - IS24C01-3ZI |
|
Similar Description - IS24C01-3ZI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |