Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1549ETL Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1549ETL
Description  Dual, Interleaved, Fixed-Frequency Step-Down Controller with a Dynamically Adjustable Output
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1549ETL Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1549ETL Datasheet HTML 1Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 2Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 3Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 4Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 5Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 6Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 7Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 8Page - Maxim Integrated Products MAX1549ETL Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Dual, Interleaved, Fixed-Frequency Step-Down
Controller with a Dynamically Adjustable Output
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VCC = VDD = 5V, SKIP = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ..............................................................-0.3V to +6V
VDD to PGND............................................................-0.3V to +6V
CSH_, CSL_, OUT_, PGOOD_,
OD_ to GND ...........................................-0.3V to (VCC + 0.3V)
G0, G1, ILIM_, REFIN to GND ..................................-0.3V to +6V
FB2, SKIP, ON_ to GND ...........................................-0.3V to +6V
REF, CC1, FBLANK, FSEL to GND.............-0.3V to (VCC + 0.3V)
DL1, DL2 to PGND .....................................-0.3V to (VDD + 0.3V)
BST1, BST2 to PGND .............................................-0.3V to +36V
LX1 to BST1..............................................................-6V to +0.3V
DH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
LX2 to BST2..............................................................-6V to +0.3V
DH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
GND to PGND .......................................................-0.3V to +0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70
°C)
40-Pin 6mm x 6mm Thin QFN (derated 26.3mW/
°C
above +70
°C).............................................................2105mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES (Note 1)
Input Voltage Range
VBIAS
VCC, VDD
4.5
5.5
V
Quiescent Supply Current (VCC)
ICC
OUT1 and FB2 forced above their
regulation points
1.0
1.8
mA
Quiescent Supply Current (VDD)
IDD
OUT1 and FB2 forced above their
regulation points
1.5
5
µA
Shutdown Supply Current (VCC)
ON1 = ON2 = GND, SKIP = VCC
2.5
5
µA
Shutdown Supply Current (VDD)
ON1 = ON2 = GND
<1
5
µA
PWM CONTROLLERS
50% duty cycle
-5
0
+5
Main Output-Voltage Accuracy
(OUT1 Tracking)
VREFIN -
VOUT1
With respect to
REFIN, SKIP =
VCC or GND
10% to 90% duty cycle
-10
+10
mV
FB2 = GND
2.475
2.5
2.525
Secondary Preset Output-Voltage
Accuracy (OUT2 Fixed)
VOUT2
SKIP = VCC, 50%
duty cycle (Note 1) FB2 = VCC
1.780
1.8
1.820
V
50% duty cycle
0.490
0.50
0.510
Secondary Feedback-Voltage
Accuracy (FB2 Adjustable)
VFB2
SKIP = VCC
(Note 1)
10% to 90% duty cycle
0.485
0.515
V
Load-Regulation Error
ILOAD = 0 to 3A, SKIP = VCC
0.1
%
VIN Line-Regulation Error
VIN = 2V to 28V
1
%
OUT1 (tracks REFIN)
0.5
2.0
Output Adjust Range
OUT2
0.5
2.7
V
OUT1 Input Bias Current
IOUT1
VOUT1 = 0.5V to 2.0V
-1
+1
µA
FB2 Input Bias Current
IFB2
VFB2 = 0 to 2.7V
-0.1
+0.1
µA
FB2 = GND or adjustable
120
250
460
OUT2 Input Resistance
ROUT2
FB2 = VCC
85
180
335
k


Similar Part No. - MAX1549ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1549EVKIT MAXIM-MAX1549EVKIT Datasheet
623Kb / 11P
   MAX1549 Evaluation Kit
Rev 0; 5/04
More results

Similar Description - MAX1549ETL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
MAX1813 MAXIM-MAX1813 Datasheet
738Kb / 38P
   Dynamically-Adjustable, Synchronous Step-Down Controller with Integrated Voltage Positioning
19-2010; Rev 0; 4/01
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
Vishay Siliconix
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Analog Devices
ADP1823 AD-ADP1823_15 Datasheet
663Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. D
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
logo
STMicroelectronics
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
   Dual synchronous step-down controller with adjustable output voltages plus LDO
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com