Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C01-3SI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS24C01-3SI
Description  1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C01-3SI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS24C01-3SI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS24C01-3SI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
Rev. D
06/25/02
IS24C01
IS24C02
IS24C04
IS24C08
IS24C16
ISSI®
POWER SUPPLY CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
READ at 100 KHz (Vcc = 5V)
1.0
mA
ICC2
Vcc Operating Current
WRITE at 100 KHz (Vcc = 5V)
3.0
mA
ISB1
Standby Current
Vcc = 1.8V
4.0
µA
ISB2
Standby Current
Vcc = 5.5V
8.0
µA
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 5.0V.
DC ELECTRICAL CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output LOW Voltage
VCC = 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output LOW Voltage
VCC = 2.5V, IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
VCC X 0.7 VCC + 0.5
V
VIL
Input LOW Voltage
–1.0
VCC X 0.3
V
ILI
Input Leakage Current
VIN = VCC max.
3
µA
ILO
Output Leakage Current
3
µA
Notes: VIL min and VIH max are reference only and are not tested.


Similar Part No. - IS24C01-3SI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01-3SI ISSI-IS24C01-3SI Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C01-3SI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C01 ISSI-IS24C01 Datasheet
85Kb / 13P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C02A ISSI-IS24C02A Datasheet
158Kb / 21P
   1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Integrated Silicon Solu...
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com