Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6570MAX Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6570MAX
Description  2:1 High Speed Video Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6570MAX Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6570MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 9Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 10Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 11Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 12Page - National Semiconductor (TI) LMH6570MAX Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Application Notes
GENERAL INFORMATION
The LMH6570 is a high-speed 2:1 analog multiplexer, opti-
mized for very high speed and low distortion. With selectable
gain and excellent AC performance, the LMH6570 is ideally
suited for switching high resolution, presentation grade video
signals. The LMH6570 has no internal ground reference.
Single or split supply configurations are both possible, how-
ever, all logic functions are referenced to the mid supply
point. The LMH6570 features very high speed channel
switching and disable times. When disabled the LMH6570
output is high impedance making MUX expansion possible
by combining multiple devices. See “Multiplexer Expansion”
section below. The LMH6570 SEL defaults to logic low (IN0
active). The default state for the SD pin is also logic low
(device enabled). Both pins can be left floating if the default
state is desired.
VIDEO PERFORMANCE
The LMH6570 has been designed to provide excellent per-
formance with production quality video signals in a wide
variety of formats such as HDTV and High Resolution VGA.
Best performance will be obtained with back-terminated
loads. The back termination reduces reflections from the
transmission line and effectively masks transmission line
and other parasitic capacitances from the amplifier output
stage. Figure 1 shows a typical configuration for driving a
75
Ω cable. The output buffer is configured for a gain of 2, so
using back terminated loads will give a net gain of 1.
FEEDBACK RESISTOR SELECTION
The LMH6570 has a current feedback output buffer with gain
determined by external feedback (R
F) and gain set (RG)
resistors. With current feedback amplifiers, the closed loop
frequency response is a function of R
F. For a gain of 2 V/V,
the recommended value of R
F is 576
Ω. For other gains see
the chart “Suggested R
F vs Gain”. Generally, lowering RF
from the recommended value will peak the frequency re-
20129922
FIGURE 1. Typical Application
20129932
FIGURE 2. Suggested R
F vs. Gain
www.national.com
9


Similar Part No. - LMH6570MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6570MAX/NOPB TI1-LMH6570MAX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
More results

Similar Description - LMH6570MAX

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com