Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3781 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3781
Description  Bootstrap Start Dual Transistor Synchronous Forward Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3781 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3781 Datasheet HTML 4Page - Linear Technology LT3781 Datasheet HTML 5Page - Linear Technology LT3781 Datasheet HTML 6Page - Linear Technology LT3781 Datasheet HTML 7Page - Linear Technology LT3781 Datasheet HTML 8Page - Linear Technology LT3781 Datasheet HTML 9Page - Linear Technology LT3781 Datasheet HTML 10Page - Linear Technology LT3781 Datasheet HTML 11Page - Linear Technology LT3781 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT3781
3781i
PI FU CTIO S
The error amplifier is typically configured using a feedback
RC network to realize an integrator circuit. This circuit
creates the dominant pole for the converter regulation
feedback loop. Integrator characteristics are dominated
by the value of the capacitor connected from the VC pin to
the VFB pin and the feedback resistor connected to the VFB
pin. Specific integrator characteristics can be configured
to optimize transient response.
The error amplifier can also be configured as a
transimpedance amplifier for use in secondary-side con-
troller applications. (See the Applications Information
section for configuration and compensation details)
SENSE (Pin 11): Current Sense Amplifier (CSA)
Noninverting Input. Current is monitored via a ground
referenced current sense resistor, typically in series with
the source of the bottom side switch FET. Internal current
limit circuitry provides for a maximum peak value of
150mV across the sense resistor during normal opera-
tion.
SG (Pin 12): Synchronous Switch Output Driver. This pin
can be connected directly to gate of synchronous switch
if small FETs are used (CGATE < 5000pF), however, the use
of a gate drive buffer is recommended for peak efficien-
cies.
The SG pin output is synchronized and out-of-phase with
the BG output. The control timing of the SG output cause
it to “lead” the primary switch path during turn-on by
150nS.
VCC (Pin 13): IC Local Power Supply Input. Bypass with at
a capacitor at least 10 times greater than C5VREF. LT3781
incorporates undervoltage lockout that disables switching
functions if VCC is below 8.4V. The LT3781 supports
operational VCC power supply voltages from 9V to 18V
(20V absolute maximum). An 18V clamp on the VCC pin is
enabled during shutdown mode, preventing a trickle start
circuit from pulling that pin above maximum operational
levels during IC shutdown.
PWRGND (Pin 14): Output Driver Ground Reference.
Connect through low impedance trace to VIN decoupling
capacitor.
BG (Pin 15): Bottom Side Primary Switch/Forward Switch
Output Driver. This pin can be connected directly to
gate(s) of primary bottom side and forward switches if
small FETs are used (CGATE total < 5000pF), however, the
use of a gate drive buffer is recommended for peak
efficiencies.
The BG output is enabled at the start of each oscillator
cycle in phase with the TG pin but is timed to “lag” the TG
output during turn-on and “lead” the TG output during
turn-off. These delays force the concentration of transi-
tional losses onto the bottom side primary switch.
An adaptive blanking circuit disables the current sense
function (via the SENSE pin) while the BG pin is below 5V.
BSTREF (Pin 18): VBST Supply Reference. Typically con-
nects to source of topside external power FET switch.
TG (Pin 19): Topside (Boosted) Primary Output Driver.
This pin can be connected directly to gate of primary
topside switch if small FETs are used (CGATE < 5000pF),
however, the use of a gate drive buffer is recommended for
peak efficiencies.
VBST (Pin 20): Topside Primary Driver Bootstrapped Sup-
ply. This “boosted” supply rail is referenced to the BSTREF
pin.
Supply voltage is maintained by a bootstrap capacitor tied
from the VBST pintotheboostedsupplyreference(BSTREF)
pin. The charge on the capacitor is refreshed each switch
cycle through a Schottky diode connected from the VCC
supply (cathode) to the VBST pin (anode). The bootstrap
capacitor (CBOOST) must be at least 100 times greater than
the total load capacitance on the TG pin. A capacitor in the
range of 0.1
µF to 1.0µF is generally adequate for most
applications. The bootstrap diode must have a reverse
breakdown voltage greater than the converter VIN. The
LT3781 supports operational VBST supply voltages up to
90V (absolute maximum) referenced to ground.
Undervoltage Lockout disables the topside switch until
VBST – BSTREF > 7.0V for start-up protection of the
topside switch.


Similar Part No. - LT3781

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781 LINER-LT3781 Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT3781EG LINER-LT3781EG Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT3781IG LINER-LT3781IG Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_09 Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
More results

Similar Description - LT3781

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781 LINER-LT3781_09 Datasheet
253Kb / 20P
   ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
   Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com