Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN83C180 Datasheet(PDF) 3 Page - SMSC Corporation

Part # LAN83C180
Description  10/100 FAST ETHERNET PHY TRANSCEIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN83C180 Datasheet(HTML) 3 Page - SMSC Corporation

  LAN83C180 Datasheet HTML 1Page - SMSC Corporation LAN83C180 Datasheet HTML 2Page - SMSC Corporation LAN83C180 Datasheet HTML 3Page - SMSC Corporation LAN83C180 Datasheet HTML 4Page - SMSC Corporation LAN83C180 Datasheet HTML 5Page - SMSC Corporation LAN83C180 Datasheet HTML 6Page - SMSC Corporation LAN83C180 Datasheet HTML 7Page - SMSC Corporation LAN83C180 Datasheet HTML 8Page - SMSC Corporation LAN83C180 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Migrating from the LAN83C180 10/100 PHY to the LAN83C185 10/100 PHY
SMSC AN 10.13
Page 3
Revision 1.2 (07-12-04)
APPLICATION NOTE
1
General Description
This application note discusses how to migrate from an existing design using the SMSC LAN83C180 PHY to
SMSC’s next generation LAN83C185 PHY. A general overview is provided which includes such topics as
power connections, magnetics interface, proper signal termination, clock circuit implementation and pinout
differences.
1.1
Overview
This application note provides a summary of the recommendations and requirements for migrating from a
SMSC LAN83C180 10/100 PHY design to a new design incorporating the LAN83C185 10/100 PHY. This
document references additional documentation and schematics (see section 1.2 “Reference Documents”).
This document also uses the original “LAN83C180 10/100 Adapter Reference Design” as a reference for all
LAN83C180 vs. LAN83C185 discussions.
Please note that since each customer’s LAN83C180 design may differ, the contents below are offered as a
general guideline. Specific customer requirements may force the guidelines discussed here to be adjusted
or ignored.
1.2
Reference Documents
The following documents are referred to in this application note:
SMSC LAN83C185 datasheet
SMSC LAN83C185 MII Customer PCB (Assy. 6316 Rev. A2) Schematic
SMSC LAN83C180 10/100 PHY Adapter Reference Design (Assy. 6096 Rev. A1) Schematic
SMSC Application Note AN 8.13 - “Suggested Magnetics”
SMSC Application Note AN 10.7 - “Parallel Crystal Circuit Input Voltage Control”
Please note that it is important to always refer to the SMSC LAN83C185 datasheet and the LAN83C185 MII
Customer Reference Design Schematic for complete and current information regarding LAN83C185
designs. Additionally, the circuit examples shown in this document are for illustrative purposes only. Please
reference the LAN83C185 MII Customer Reference Design Schematic when implementing actual circuits in
your design.
Please visit SMSC’s website at http://www.smsc.com/ for the latest updated documentation.


Similar Part No. - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
LAN83C180TQFP SMSC-LAN83C180TQFP Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
More results

Similar Description - LAN83C180

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN83C180 SMSC-LAN83C180_01 Datasheet
163Kb / 22P
   10/100 Fast Ethernet PHY Transceiver
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
STMicroelectronics
STE101P STMICROELECTRONICS-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
STE100P STMICROELECTRONICS-STE100P_06 Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
STE100P STMICROELECTRONICS-STE100P Datasheet
193Kb / 29P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
logo
Intel Corporation
LXT971A INTEL-LXT971A Datasheet
650Kb / 90P
   3.3V Dual-Speed Fast Ethernet PHY Transceiver
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
   10/100 Ethernet MAC and PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
IP101ALF ETC2-IP101ALF Datasheet
501Kb / 36P
   Single port 10/100 Fast Ethernet Transceiver
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com