Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS75V16F128GS32 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS75V16F128GS32
Description  3.0 Volt Multi-Chip Package (MCP) 128 Mbit Simultaneous Operation Flash Memory and 32 Mbit Pseudo Static RAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS75V16F128GS32 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS75V16F128GS32 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS75V16F128GS32 Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
PRELIMINARY INFORMATION
Rev. 00D
03/24/03
IS75V16F128GS32
ISSI®
DC CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ILI
Input Leakage
VIN=GND to VCCf, VCCr
-1.0
+1.0
µA
ILO
Output Leakage
VOUT=GND to VCCf, VCCr
-1.0
+1.0
µA
ILIT
RESET Inputs
VCCf=VCCf max.,
35
µA
Leakage Current
RESET = 12.5V
ICC1f
FLASH Vcc (1)
CEf=VIL, OE=VIH
tCycle = 5Mhz
18
mA
Active Current (Read)
tCycle = 1Mhz
4
mA
ICC2f
FLASH Vcc Active(2)
CEf=VIL,—
35
mA
Current(Program/Erase)
OE=VIH
ICC3f
FLASH Vcc Active(5)
CEf=VIL,—
53
mA
Current
OE=VIH
(Read-While-Program)
ICC4f
FLASH Vcc Active(5)
CEf=VIL,—
53
mA
Current
OE=VIH
(Read-While-Erase)
ICC5f
FLASH Vcc Active
CEf=VIL,—
40
mA
Current
OE=VIH
(Erase-Suspend-Program)
IACC
WP/ACC Acceleration
VCCf = Vcc max,
20
mA
Program Current
WP/ACC = VACC max
ICC1r
PSRAM Vcc Active
VCCr = Vccr max,
trc / twc = min
25
mA
Current
CE1r=VIL, CE2r=VIH,
VIN=VIH or VIL,
trc / twc = 1 µs
3
mA
IOUT=0 mA
ISB1f
FLASH Vcc
VCCf = Vccf max,
CEf= VCCf + 0.3V,
1
5
µA
Standby Current(7)
RESET = VCCf + 0.3V,
WP/ACC = VCCf + 0.3V
ISB2f
FLASH Vcc
(7)
VCCf = Vccf max,
RESET= GND + 0.3V,
1
5
µA
Standby Current
WP/ACC = VCCf + 0.3V
(
RESET)
ISB3f
FLASH Vcc (3,7)
VCCf = Vccf max,
CEf = GND + 0.3V,
1
5
µA
Current
RESET = VCCf + 0.3V,
(Automatic Sleep Mode)
WP/ACC = VCCf + 0.3V,
VIN
= VCCf + 0.3V OR GND + 0.3V
ISB1r
PSRAM Vcc Standby(8)
VCCr = Vccr max,
CE1r
≥ VCCr -0.2V,
110
µA
Current
CE2r
≥ VCCr -0.2V,
VIN
≤ 0.2 V or VIN ≥ VCCr -0.2V
IPDSr
PSRAM VCC Power
VCCr = VCCr max.,
10
µA
Down Current
CE1r
≥ VCCr - 0.2 V
(Sleep Mode)
CE2r
≤ 0.2 V, VIN Cycle time = tRC min
IPDNr
PSRAM VCC Power (8)
VCCr = VCCr max.,
65
µA
Down Current
CE1r
≥ VCCr - 0.2 V
(Nap Mode)
CE2r
≤ 0.2 V, VIN Cycle time = tRC min


Similar Part No. - IS75V16F128GS32

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS75V16F64GS16-7080DI ISSI-IS75V16F64GS16-7080DI Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
More results

Similar Description - IS75V16F128GS32

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
75V16F64GS16 ISSI-75V16F64GS16 Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Eon Silicon Solution In...
EN71NS128B0 EON-EN71NS128B0_11 Datasheet
259Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 32 Megabit (2M x 16-bit) Pseudo Static RAM
logo
SPANSION
AM49PDL127AH SPANSION-AM49PDL127AH Datasheet
1Mb / 82P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) CMOS Pseudo Static RAM
logo
Eon Silicon Solution In...
EN71PL032A0 EON-EN71PL032A0_1 Datasheet
424Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 32 Megabit (2M x 16-bit) CMOS 3.0 Volt-only Simultaneous Operation Page Mode Flash Memory and 16 Megabit (1M x 16-bit) Pseudo Static RAM
logo
Numonyx B.V
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
Cypress Semiconductor
S25FL128P CYPRESS-S25FL128P Datasheet
1Mb / 44P
   128-Mbit, 3.0 V Flash Memory
S25FL129P CYPRESS-S25FL129P Datasheet
2Mb / 66P
   128-Mbit 3.0 V Flash Memory
logo
Advanced Micro Devices
AM49DL320BG AMD-AM49DL320BG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit) Pseudo Static RAM
logo
Eon Silicon Solution In...
EN71NS128C0 EON-EN71NS128C0 Datasheet
250Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM 128 Megabit (8M x 16-bit) CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 64 Megabit (4M x 16-bit) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com