Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR42-21C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IR42-21C
Description  1.8MM ROUND SUBMINIATURE INFRARED LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IR42-21C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IR42-21C Datasheet HTML 1Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 2Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 3Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 4Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 5Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 6Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 7Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 8Page - List of Unclassifed Manufacturers IR42-21C Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2.1
Page: 2 of 9
Device No:DIR-042-099
Prepared date:07-21-2004
Prepared by:Jaine Tsai
1
Anode
Cathode
2
1
2
1
2
IR42-21C
Package Dimensions
Notes: 1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Continuous Forward Current
IF
65
mA
Peak Forward Current
IFP
1.0
A
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25℃Free Air Temperature
Pd
130
mW
Notes: *1:IFP Conditions--Pulse Width≦100μs and Duty≦1%.
*2:Soldering time≦5 seconds.


Similar Part No. - IR42-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR42-21C EVERLIGHT-IR42-21C Datasheet
229Kb / 10P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C/TR8 EVERLIGHT-IR42-21C/TR8 Datasheet
229Kb / 10P
   1.8mm Round Subminiature Infrared LED
More results

Similar Description - IR42-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR42-21C EVERLIGHT-HIR42-21C Datasheet
181Kb / 10P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8_15 Datasheet
219Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C-TR8 EVERLIGHT-IR42-21C-TR8 Datasheet
235Kb / 10P
   1.8mm Round Subminiature Infrared LED
EAIST3224A1 EVERLIGHT-EAIST3224A1 Datasheet
483Kb / 9P
   1.8mm Round Subminiature Infrared LED
IR42-21C EVERLIGHT-IR42-21C Datasheet
229Kb / 10P
   1.8mm Round Subminiature Infrared LED
EAIST3224A0 EVERLIGHT-EAIST3224A0 Datasheet
523Kb / 9P
   1.8mm Round Subminiature Infrared LED
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com