Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7112 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE7112
Description  Integrated Circuit Color TV Video Signal/Chrominance Signal Processing Circuit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7112 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7112 Datasheet HTML 1Page - NTE Electronics NTE7112 Datasheet HTML 2Page - NTE Electronics NTE7112 Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE7112
Integrated Circuit
Color TV Video Signal/Chrominance
Signal Processing Circuit
Description:
The NTE7112 is an integrated circuit in an 18–Lead DIP type package designed for use in color TV
video signal and chrominance signal processing circuits.
Features:
D Chrominance signal processing circuitry for either PAL or SECAM system color TV receivers
can be made by using the NTE7112 in combination with the AN5622 and the AN5630N:
PAL System: NTE7112, AN5622
SECAM System: NTE7112, AN5622, AN5630N
D Incorporating luminance signal mixer circuit, provides R, G, B original color output
D DC Transmission Quality: 100%
D All DC controlled adjustment simplifies wiring operation (Color/Contrast/Brightness adjustment)
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V4–10, V16–10, V18–10
V17–10 to 0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Voltage, V5–10, V6–10
+6V to –4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I7,I8, I9
+7mA to –15mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Circuit Current, I11, I13, I14
+3mA to –3mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
800mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +155°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Total Circuit Current
Itot
VCC = 12V
27
37
47
mA
Voltage Gain (Max Video)
AV
Sine wave 10kHz, 100mVrms input,
3.1
4.0
4.9
times
Contrast Attenuation Ratio (Min)
AVmax/AVmin
Contrast max.,
Picture min.
0.15
0.19
0.26
times
Frequency Characteristics (Video)
fc
Sine wave 100mVrms input frequen-
cy when output/input is –3dB, Pic-
ture min. (10kHz level assumed as
0dB)
6
MHz


Similar Part No. - NTE7112

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7110 NTE-NTE7110 Datasheet
22Kb / 2P
   Integrated Circuit 3 Channel Analog Switch
NTE7113 NTE-NTE7113 Datasheet
82Kb / 2P
   Integrated Circuit Dual Audio Power Amplifier, 14W BTL
NTE7114 NTE-NTE7114 Datasheet
97Kb / 4P
   Integrated Circuit Audio Power Amplifier, Quad 11W (2 x 22W)
NTE7115 NTE-NTE7115 Datasheet
44Kb / 6P
   Integrated Circuit Color TV Horizontal Combination Circuit
NTE7116 NTE-NTE7116 Datasheet
37Kb / 5P
   Integrated Circuit Phase Lock Loop (PLL) Stereo Decoder (BTSC System)
More results

Similar Description - NTE7112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5622 PANASONIC-AN5622 Datasheet
344Kb / 6P
   PAL System Color TV Chrominance Signal Processing Circuit
AN5630N PANASONIC-AN5630N Datasheet
310Kb / 5P
   SECAM SYSTEM COLOR TV CHROMINANCE SIGNAL PROCESSING CIRCUIT
AN5612 PANASONIC-AN5612 Datasheet
331Kb / 3P
   Video Signal, Chrominance Signal Processing ICs for Color TV
logo
NTE Electronics
NTE1164 NTE-NTE1164 Datasheet
20Kb / 2P
   Integrated Circuit TV Video Signal Processing Circuit
logo
List of Unclassifed Man...
AN5310 ETC1-AN5310 Datasheet
168Kb / 5P
   Color TV Video and Chrominance Signal Processing Circuits
logo
Panasonic Semiconductor
AN5431 PANASONIC-AN5431 Datasheet
92Kb / 3P
   Color TV Deflection Signal Processing Circuit
logo
NTE Electronics
NTE1805 NTE-NTE1805 Datasheet
28Kb / 3P
   Integrated Circuit Recording Video Signal Processing Circuit
logo
Panasonic Semiconductor
AN616 PANASONIC-AN616 Datasheet
176Kb / 4P
   Video Signal Processing Circuit for TV Cameras
logo
List of Unclassifed Man...
AN5318N ETC1-AN5318N Datasheet
363Kb / 5P
   CHROMINANCE SIGNAL PROCESSING CIRCUIT (WITH CILOR COMPENSATION CIRCUIT)
logo
NTE Electronics
NTE1747 NTE-NTE1747 Datasheet
31Kb / 3P
   Integrated Circuit TV Video Processing Circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com