Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS270PGI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS270PGI
Description  Triple PLL Field Programmable VCXO Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS270PGI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS270PGI Datasheet HTML 1Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 2Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 3Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 4Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 5Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 6Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 7Page - Integrated Circuit Systems ICS270PGI Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Triple PLL Field Programmable VCXO Clock
MDS 270 B
4
Revision 040705
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS270
PRELIMINARY INFORMATION
errorxtal =actual initial accuracy (in ppm) of the crystal
being measured
If the centering error is less than ±25 ppm, no
adjustment is needed. If the centering error is more
than 25ppm negative, the PC board has excessive
stray capacitance and a new PCB layout should be
considered to reduce stray capacitance. (Alternately,
the crystal may be re-specified to a higher load
capacitance. Contact ICS for details.) If the centering
error is more than 25 ppm positive, add identical fixed
centering capacitors from each crystal pin to ground.
The value for each of these caps (in pF) is given by:
External Capacitor = 2 x (centering error)/(trim
sensitivity)
Trim sensitivity is a parameter which can be supplied by
your crystal vendor. If you do not know the value,
assume it is 30 ppm/pF. After any changes, repeat the
measurement to verify that the remaining error is
acceptably low (typically less than ±25 ppm).
ICS270 Configuration Capabilities
The architecture of the ICS270 allows the user to easily
configure the device to a wide range of output
frequencies, for a given input reference frequency.
The frequency multiplier PLL provides a high degree of
precision. The M/N values (the multiplier/divide values
available to generate the target VCO frequency) can be
set within the range of M = 1 to 1024 and N = 1 to
32,895.
The ICS270 also provides separate output divide
values, from 2 through 63, to allow the two output clock
banks to support widely differing frequency values from
the same PLL.
Each output frequency can be represented as:
Output Drive Control
The ICS270 has two output drive settings. Low drive
should be selected when outputs are less than 100
MHz. High drive should be selected when outputs are
greater than 100 MHz. (Consult the AC Electrical
Characteristics for output rise and fall times for each
drive option.)
ICS VersaClock Software
ICS applies years of PLL optimization experience into a
user friendly software that accepts the user’s target
reference clock and output frequencies and generates
the lowest jitter, lowest power configuration, with only a
press of a button. The user does not need to have prior
PLL experience or determine the optimal VCO
frequency to support multiple output frequencies.
VersaClock software quickly evaluates accessible VCO
frequencies with available output divide values and
provides an easy to understand, bar code rating for the
target output frequencies. The user may evaluate
output accuracy, performance trade-off scenarios in
seconds.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS270. These ratings, which
are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
OutputFreq
REFFreq
M
N
-----
=
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage, VDD
Referenced to GND
7
V
Inputs
Referenced to GND
-0.5
VDD+0.5
V
Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V


Similar Part No. - ICS270PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PG ICST-ICS271PG Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGI ICST-ICS271PGI Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGILF ICST-ICS271PGILF Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGLF ICST-ICS271PGLF Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
More results

Similar Description - ICS270PGI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
   Triple PLL Field Programmable SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
   Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com