Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS270 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS270
Description  Triple PLL Field Programmable VCXO Clock Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS270 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS270 Datasheet HTML 1Page - Integrated Circuit Systems ICS270 Datasheet HTML 2Page - Integrated Circuit Systems ICS270 Datasheet HTML 3Page - Integrated Circuit Systems ICS270 Datasheet HTML 4Page - Integrated Circuit Systems ICS270 Datasheet HTML 5Page - Integrated Circuit Systems ICS270 Datasheet HTML 6Page - Integrated Circuit Systems ICS270 Datasheet HTML 7Page - Integrated Circuit Systems ICS270 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Triple PLL Field Programmable VCXO Clock
MDS 270 B
6
Revision 040705
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
ICS270
PRELIMINARY INFORMATION
Note 1: Example with 25 MHz crystal input with eight outputs of 33.3 MHz, no load, and VDD = 3.3 V.
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40 to +85
° C
Note 1: External crystal device must conform with Pullable Crystal Specifications listed on page 3.
Note 2: Measured with 15 pF load.
Note 3: Duty Cycle is configuration dependent. Most configurations are min 45% / max 55%.
Thermal Characteristics
Internal Pull-up Resistor
RPUS
S2:S0, PDTS
190
k
Internal Pull-down Resistor
RPD
CLK outputs
220
k
Input Capacitance
CIN
Inputs
4
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
FIN
Fundamental crystal
5
27
MHz
Output Frequency
0.314
200
MHz
Crystal Pullability
FP
0V< VIN < 3.3 V, Note 1
100
ppm
VCXO Gain
VIN = VDD/2 + 1 V,
Note 1
110
ppm/V
Output Rise/Fall Time
tOF
80% to 20%, high drive,
Note 2
1.0
ns
Output Rise/Fall Time
tOF
80% to 20%, low drive,
Note 2
2.0
ns
Duty Cycle
Note 3
40
49-51
60
%
Power-up time
PLL lock-time from
power-up
410
ms
PDTS goes high until
stable CLK output
0.6
2
ms
One Sigma Clock Period Jitter
Configuration Dependent
50
ps
Maximum Absolute Jitter
tja
Deviation from Mean,
Configuration Dependent
+200
ps
Pin-to-Pin Skew
Low Skew Outputs
-250
250
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
93
°C/W
θ
JA
1 m/s air flow
78
°C/W
θ
JA
3 m/s air flow
65
°C/W
Thermal Resistance Junction to Case
θ
JC
20
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - ICS270

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PG ICST-ICS271PG Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGI ICST-ICS271PGI Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGILF ICST-ICS271PGILF Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS271PGLF ICST-ICS271PGLF Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
More results

Similar Description - ICS270

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS271 ICST-ICS271 Datasheet
170Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS275 ICST-ICS275 Datasheet
164Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
ICS276 ICST-ICS276 Datasheet
166Kb / 8P
   Triple PLL Field Programmable VCXO Clock Synthesizer
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
[Old version datasheet]   Programmable 1-PLL VCXO Clock Synthesizer
logo
Integrated Circuit Syst...
ICS345 ICST-ICS345 Datasheet
153Kb / 7P
   Triple PLL Field Programmable SS VersaClock Synthesizer
logo
Integrated Device Techn...
ICS345 IDT-ICS345 Datasheet
207Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
   TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
logo
Integrated Circuit Syst...
ICS291 ICST-ICS291 Datasheet
172Kb / 8P
   Triple PLL Field Prog. Spread Spectrum Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com