Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62U8400A Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY62U8400A
Description  512Kx8bit CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62U8400A Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY62U8400A Datasheet HTML 3Page - Hynix Semiconductor HY62U8400A Datasheet HTML 4Page - Hynix Semiconductor HY62U8400A Datasheet HTML 5Page - Hynix Semiconductor HY62U8400A Datasheet HTML 6Page - Hynix Semiconductor HY62U8400A Datasheet HTML 7Page - Hynix Semiconductor HY62U8400A Datasheet HTML 8Page - Hynix Semiconductor HY62U8400A Datasheet HTML 9Page - Hynix Semiconductor HY62U8400A Datasheet HTML 10Page - Hynix Semiconductor HY62U8400A Datasheet HTML 11Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HY62U8400A Series
Rev 07 / Apr. 2001
10
MARKING INFORMATION
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
U
8
4
0
0
A
y
y
w
w
p
c
c
G
-
s
s
t
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
U
8
4
0
0
A
y
y
w
w
p
c
c
T
2
-
s
s
t
SOP
TSOP-II
Package
Marking Example
Index
• hynix
: hynix Logo
• KOREA
: Origin Country
• HY62U8400A
: Part Name
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: Work Week ( ex : 12 = ww12 )
• p
: Process Code
• cc
: Power Consumption
- L
: Low Power
- LL
: Low Low Power
• G / T2
: Package Type
- G
: SOP
- T2
: TSOP-II
• ss
: Speed
- 85
: 85ns
- 10
: 100ns
• t
: Temperature
- Blank
: Commercial ( 0 ~ 70
°C )
- E
: Extended ( -25 ~ 85
°C )
- I
: Industrial ( -40 ~ 85
°C )
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item (Except hynix)
h
y
n
i
x
K
O
R
E
A
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
U
8
4
0
0
A
H
Y
6
2
U
8
4
0
0
A
y
y
w
w
p
c
c
G
-
s
s
t
y
y
w
w
p
c
c
G
-
s
s
t
h
y
n
i
x
K
O
R
E
A
h
y
n
i
x
K
O
R
E
A
H
Y
6
2
U
8
4
0
0
A
H
Y
6
2
U
8
4
0
0
A
y
y
w
w
p
c
c
T
2
-
s
s
t
y
y
w
w
p
c
c
T
2
-
s
s
t
SOP
TSOP-II
Package
Marking Example
Index
• hynix
: hynix Logo
• KOREA
: Origin Country
• HY62U8400A
: Part Name
• yy
: Year ( ex : 00 = year 2000, 01 = year 2001 )
• ww
: Work Week ( ex : 12 = ww12 )
• p
: Process Code
• cc
: Power Consumption
- L
: Low Power
- LL
: Low Low Power
• G / T2
: Package Type
- G
: SOP
- T2
: TSOP-II
• ss
: Speed
- 85
: 85ns
- 10
: 100ns
• t
: Temperature
- Blank
: Commercial ( 0 ~ 70
°C )
- E
: Extended ( -25 ~ 85
°C )
- I
: Industrial ( -40 ~ 85
°C )
Note
- Capital Letter
: Fixed Item
- Small Letter
: Non-fixed Item (Except hynix)


Similar Part No. - HY62U8400A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B-E HYNIX-HY62U8100B-E Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100B-I HYNIX-HY62U8100B-I Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100BLLG HYNIX-HY62U8100BLLG Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY62U8100BLLG-E HYNIX-HY62U8100BLLG-E Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
More results

Similar Description - HY62U8400A

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KF08401C HYNIX-HY62KF08401C Datasheet
153Kb / 10P
   512Kx8bit full CMOS SRAM
HY63V8400 HYNIX-HY63V8400 Datasheet
136Kb / 8P
   512Kx8Bit CMOS FAST SRAM
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com