Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC1115 Datasheet(PDF) 1 Page - Texas Instruments

Part # GC1115
Description  Crest Factor Reduction Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC1115 Datasheet(HTML) 1 Page - Texas Instruments

  GC1115 Datasheet HTML 1Page - Texas Instruments GC1115 Datasheet HTML 2Page - Texas Instruments GC1115 Datasheet HTML 3Page - Texas Instruments GC1115 Datasheet HTML 4Page - Texas Instruments GC1115 Datasheet HTML 5Page - Texas Instruments GC1115 Datasheet HTML 6Page - Texas Instruments GC1115 Datasheet HTML 7Page - Texas Instruments GC1115 Datasheet HTML 8Page - Texas Instruments GC1115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
GC1115
SLWS144 – FEBRUARY 2005
Crest Factor Reduction Processor
3GPP (W-CDMA) Base Stations
Significantly Reduces Signal Peaks to
≥ 6 dB
PAR
3GPP2 (cdma2000) Base Stations
CDMA Multi-Carrier Power Amps (MCPAs)
One 20-MHz or 2 Independent 10-MHz
Channels
CFR Reduction of OFDM, HSDPA Signals
Two-Channel Transmit Diversity Applications
Programmable Output PAR Down to 6 dB
Operates with TI DAC5687 (500 Msps)
Programmable Cancellation Pulse Coefs
Meets 3GPP TS 25.141 Down to 6 dB PAR
Meets cdma2000 C.S0010 Down to 6 dB PAR
256-ball PBGA Package, 17
× 17 mm
1.2-V Core, 3.3 V I/O
The GC1115 is a flexible, programmable, wideband crest factor reduction (CFR) processor with a maximum
composite bandwidth of 20 MHz. The GC1115 selectively reduces the peak-to-average ratio (PAR) of wideband
digital signals provided in quadrature (I & Q) format, such as those used in third-generation (3G) code division
multiple access (CDMA) wireless applications. By reducing the PAR of digital signals, the efficiency of follow-on
power amplifiers (PAs) is improved, the D/A converter requirements are eased, and the out-of-band spectral
regrowth caused by simple hard limiting is eliminated.
By including the GC1115, manufacturers of 3G BTS equipment can realize significant savings on power amplifier
costs. The GC1115 meets multi-carrier 3G performance standards (PCDE, composite EVM, and ACLR) at PAR
levels down to 6 dB. The GC1115 integrates easily into the transmit signal chain, between a digital upconverter
such as the Texas Instruments GC5016 or GC5316 and a high-quality D/A converter, such as the Texas
Instruments DAC5675 or DAC5687.
The GC1115 uses four cascaded stages of peak detection and cancellation (PDC) to remove over-threshold
peaks from the input signal. Each PDC stage can be independently programmed with detection target peak
levels and cancellation pulse coefficients. A pool of 32 cancellation pulse generators can be flexibly assigned in
groups of 4 to any PDC stage. Spectrally shaped cancellation pulses are designed using any of the widely
available FIR filter design programs, such as those from Matlab™, ADS™, etc. Cancellation pulses are designed
to match the user’s carrier frequency allocation. Cancellation pulse energy is bandlimited and thus is only added
within allocated carrier bands. The GC1115’s peak cancellation algorithm does not affect the signal’s ACLR.
Input sampling rates to 130 Msamp/sec are supported, in either parallel or multiplexed I/Q modes, and in either
twos complement or unsigned format. Output sampling rates to 130 Msamp/sec are supported in either parallel
or multiplexed I/Q modes, and in either twos complement or unsigned format. A special one-channel output
mode uses both GC1115 output ports to carry odd/even real output samples. The GC1115 includes an
interpolator that increases the output sampling rate by 2x or 4x and optionally modulates the output signal to the
fs/4 center frequency. Dual on-chip RAM banks provide either time-domain snapshots or long-term
histogramming of the internal peak cancellation signal chain at five user-selected points, enabling real-time
monitoring of the CCDF function. A power level meter monitors either the GC1115 input or output power level.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115IZDJ TI-GC1115IZDJ Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
More results

Similar Description - GC1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC1115 TI-GC1115_06 Datasheet
761Kb / 82P
[Old version datasheet]   Crest Factor Reduction Processor
logo
National Semiconductor ...
AN-1434 NSC-AN-1434 Datasheet
526Kb / 6P
   Crest Factor Invariant RF Power Detector
logo
Analog Devices
AD6633 AD-AD6633 Datasheet
89Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
AD6633 AD-AD6633_15 Datasheet
95Kb / 2P
   Multichannel Digital Upconverter with VersaCREST Crest Reduction Engine
Rev. Sp0
logo
Zoran Corporation
NRED-1 ZORAN-NRED-1 Datasheet
229Kb / 2P
   Noise Reduction Processor
logo
Analog Devices
ADL5502 AD-ADL5502 Datasheet
448Kb / 14P
   800 MHz to 3800 MHz Crest Factor Detector
Rev. PrD (04/20/2008)
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
   450 MHz to 6000 MHz Crest Factor Detector
REV. A
logo
Sony Corporation
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
logo
New Japan Radio
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
   DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com