Part Name
Included
start with
end
match
Description
NTE7102
Integrated Circuit Dual Audio Power Amplifier, 5.5W/Ch (20W BTL) ( 3 Page)
NTE
100%
3 page
114
.142 (3.6) Dia.
.067 (1.7) Max
.200 (5.08)
.138 (3.5)
.138 (3.5)
.472 (12.0)
.843 (21.4)
1.000 (25.4) Max
.532
(13.5)
Max
.607
(15.4)
Max
.134
(3.4)
.480
(12.2)
Html Pages
1
2
3
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
KIA6280H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA3281H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
5.8W
DUAL
AUDIO
POWER
AMPLIFIER
22W
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
NTE1830
Integrated
Circuit
Dual
Audio
Power
Amplifier
5.8W
19W
BTL
1
2
3
NTE Electronics
NTE1389
Integrated
Circuit
Dual
Audio
Power
Amplifier
20W
1
2
3
NTE Electronics
KIA6220H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6221AH
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
30W
BTL
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
KIA6240K
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
DUAL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
KEC(Korea Electronics)
KIA8252H
BIPOLAR
LINEAR
INTEGRATED
CIRCUIT
MAX
POWER
37W
QUAD
BTL
AUDIO
POWER
AMPLIFIER
1
2
3
4
5
More
KEC(Korea Electronics)
NTE1383
Integrated
Circuit
Dual
Audio
Power
Amp
5.1W/Ch
10.5W
BTL
1
2
3
NTE Electronics
Link URL
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Partner program
|
Contact us
|
Privacy Policy
|
Bookmark
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
2003 - 2013
Mirror Sites
English :
Alldatasheet.com
,
Alldatasheet.net
|   Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
| Russian :
Alldatasheetru.com
Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
| Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl