Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C185-01BQ Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C185-01BQ
Description  Precision 1-5 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C185-01BQ Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C185-01BQ Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C185-01BQ Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C185-01BQ Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C185-01BQ Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C185-01BQ Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C185-01BQ Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
PS8466
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C185-01B
Precision 1-5 Clock Buffer
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
0
=
N
I
_
F
U
B3
A
m
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
6
6
.
6
6
=
N
I
_
F
U
B0
7
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
0
.
0
0
1
=
N
I
_
F
U
B0
2
1
I D
D
t
n
e
rr
u
C
y
l
p
p
u
Sz
H
M
3
.
3
3
1
=
N
I
_
F
U
B0
0
2
The I
2C interface permits individual enable/disable of each clock
output and test mode enable.
The PI6C185-01B, a slave receiver device, cannot be read back.
Sub addressing is not supported. To change one of the control
bytes, all preceding bytes must be sent
Every byte put on the SDATA line must be 8-bits long (MSB first),
followed by an acknowledge bit generated by the receiving
device.
During normal data transfers SDATA changes only when SCLK is
LOW. Exceptions: A HIGH to LOW transition on SDATA while
SCLK is HIGH indicates a “start” condition. A LOW to HIGH
transition on SDATA while SCLK is HIGH is a “stop” condition
and indicates the end of a data transfer cycle.
Each data transfer is initiated with a start condition and ended with
a stop condition. The first byte after a start condition is always a
7-bit address byte followed by a read/write bit. (HIGH = read from
addressed device, LOW = write to addressed device). If the device’s
own address is detected, PI6C185-01B generates an acknowledge
by pulling SDATA line LOW during ninth clock pulse, then
accepts the following data bytes until another start or stop condition
is detected.
Following acknowledgement of the address byte (0D2H), two
more bytes must be sent:
1. “Command Code” byte & 2. “Byte Count” byte.
Although the data bits on these two bytes are “don’t care,” they
must be sent and acknowledged.
2-Wire I2C Control
StorageTemperature ...................................... –65°Cto+150°C
Ambient Temperature with Power Applied ........ –0°Cto+70°C
3.3V Supply Voltage to Ground Potential ........... –0.5Vto+4.6V
DCInputVoltage .............................................. –0.5Vto+4.6V
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
Supply Current (VDD = +3.465V, CLOAD = Max.)
Maximum Ratings
(Above which the useful life may be impaired.
For user guidelines, not tested.)


Similar Part No. - PI6C185-01BQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01L PERICOM-PI6C185-01L Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01LE PERICOM-PI6C185-01LE Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01Q PERICOM-PI6C185-01Q Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C185-01QE PERICOM-PI6C185-01QE Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
More results

Similar Description - PI6C185-01BQ

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
ON Semiconductor
PCS2P2305NZ ONSEMI-PCS2P2305NZ Datasheet
283Kb / 8P
   3.3V 1:5 Clock Buffer
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com