Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL816 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EL816
Description  Photo coupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EL816 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EL816 Datasheet HTML 4Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 5Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 6Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 7Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 8Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 9Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 10Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 11Page - List of Unclassifed Manufacturers EL816 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photo coupler
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.2
Page: 8 of 12
Device No:DPC-816-001
Prepared date:6-03-2004
Prepared by:Eric Chen
10
10
-9
10
0
10
-8
-7
10
-6
-5
25
50
75
100
VCE=20V
-25
10
10
-11
-10
Fig.9
Collector Dark Current vs. Ambient
Temperature
EL816 Series
VCE=2V
IC=2mA
Ta=25°C
VCE=2V
IC=2mA
Ta=25°C
RL=10KΩ
1K
100
tr
tf
td
ts


Similar Part No. - EL816

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816 Datasheet
338Kb / 13P
   Photo coupler
EL816 EVERLIGHT-EL816 Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816A EVERLIGHT-EL816A Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816B EVERLIGHT-EL816B Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
EL816C EVERLIGHT-EL816C Datasheet
807Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - EL816

ManufacturerPart #DatasheetDescription
logo
NEC
PS2043 NEC-PS2043 Datasheet
109Kb / 4P
   PHOTO COUPLER
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
349Kb / 11P
   Photo coupler
EL816 EVERLIGHT-EL816 Datasheet
338Kb / 13P
   Photo coupler
logo
NEC
PS2007B NEC-PS2007B Datasheet
84Kb / 3P
   PHOTO COUPLER
logo
Marktech Corporate
MT30610 MARKTECH-MT30610 Datasheet
132Kb / 4P
   PHOTO TRIAC COUPLER???
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
   PHOTO IC COUPLER
logo
AUK corp
SPC815 AUK-SPC815 Datasheet
67Kb / 3P
   DIP Photo Coupler
SPC817 AUK-SPC817 Datasheet
65Kb / 3P
   DIP Photo Coupler
logo
Marktech Corporate
MT30310 MARKTECH-MT30310 Datasheet
131Kb / 4P
   PHOTO TRIAC COUPLER???
logo
AUK corp
SPC717 AUK-SPC717 Datasheet
65Kb / 3P
   DIP Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com