Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1419 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1419
Description  15-Bit, 100Msps ADC with -77.7dBFS Noise Floor for Baseband Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1419 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1419 Datasheet HTML 1Page - Maxim Integrated Products MAX1419 Datasheet HTML 2Page - Maxim Integrated Products MAX1419 Datasheet HTML 3Page - Maxim Integrated Products MAX1419 Datasheet HTML 4Page - Maxim Integrated Products MAX1419 Datasheet HTML 5Page - Maxim Integrated Products MAX1419 Datasheet HTML 6Page - Maxim Integrated Products MAX1419 Datasheet HTML 7Page - Maxim Integrated Products MAX1419 Datasheet HTML 8Page - Maxim Integrated Products MAX1419 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX1429 is a 5V, high-speed, high-performance
analog-to-digital converter (ADC) featuring a fully differ-
ential wideband track-and-hold (T/H) and a 15-bit con-
verter core. The MAX1429 is optimized for multichannel,
multimode receivers, which require the ADC to meet very
stringent dynamic performance requirements. With a
noise floor of -77.7dBFS, the MAX1429 allows for the
design of receivers with superior sensitivity.
The MAX1429 achieves two-tone, spurious-free dynamic
range (SFDR) of -100dBc for input tones of 10MHz and
15MHz. Its excellent signal-to-noise ratio (SNR) of 75.1dB
and single-tone SFDR performance (SFDR1/SFDR2) of
90dBc/94dBc at fIN = 15MHz and a sampling rate of
80Msps make this part ideal for high-performance digital
receivers.
The MAX1429 operates from an analog 5V and a digital
3V supply, features a 2.2VP-P full-scale input range,
and allows for a sampling speed of up to 100Msps. The
input T/H operates with a -1dB full-power bandwidth of
260MHz.
The MAX1429 features parallel, CMOS-compatible out-
puts in two’s-complement format. To enable the interface
with a wide range of logic devices, this ADC provides a
separate output driver power-supply range of 2.3V to
3.5V. The MAX1429 is manufactured in an 8mm x 8mm,
56-pin thin QFN package with exposed paddle (EP) for
low thermal resistance, and is specified for the extended
industrial (-40°C to +85°C) temperature range.
Note that IF parts MAX1418, MAX1428, and MAX1430
(see Pin-Compatible Higher/Lower Speed Versions
Selection table) are recommended for applications that
require high dynamic performance for input frequen-
cies greater than fCLK/3. The MAX1429 is optimized for
input frequencies of less than fCLK/3.
Applications
Cellular Base-Station Transceiver Systems (BTS)
Wireless Local Loop (WLL)
Single- and Multicarrier Receivers
Multistandard Receivers
E911 Location Receivers
Power Amplifier Linearity Correction
Antenna Array Processing
Features
♦ 100Msps Minimum Sampling Rate
♦ -77.7dBFS Noise Floor
♦ Excellent Dynamic Performance
75.1dB SNR at fIN = 15MHz and AIN = -1dBFS
90dBc/94dBc Single-Tone SFDR1/SFDR2 at
fIN = 15MHz and AIN = -1dBFS
-100dBc Multitone SFDR at fIN1 = 10MHz
and fIN2 = 15MHz
♦ Less than 0.25ps Sampling Jitter
♦ Fully Differential Analog Input Voltage Range of
2.2VP-P
♦ CMOS-Compatible Two’s-Complement Data Output
♦ Separate Data Valid Clock and Overrange Outputs
♦ Flexible-Input Clock Buffer
♦ EV Kit Available for MAX1429
(Order MAX1427EVKIT)
15-Bit, 100Msps ADC with -77.7dBFS
Noise Floor for Baseband Applications
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-3434; Rev 0; 10/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configuration appears at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1429ETN
-40°C to +85°C
56 Thin QFN-EP*
Pin-Compatible Higher/Lower
Speed Versions Selection
PART
SPEED GRADE
(Msps)
TARGET
APPLICATION
MAX1418
65
IF
MAX1419
65
Baseband
MAX1427
80
Baseband
MAX1428
80
IF
MAX1429
100
Baseband
MAX1430
100
IF
*EP = Exposed paddle.


Similar Part No. - MAX1419

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1419 MAXIM-MAX1419 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1419ETN MAXIM-MAX1419ETN Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1419ETN MAXIM-MAX1419ETN Datasheet
649Kb / 14P
   Fully Differential Signal Input Configuration
Rev 0; 1/04
More results

Similar Description - MAX1419

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1430 MAXIM-MAX1430 Datasheet
718Kb / 18P
   15-Bit, 100Msps ADC with -76.8dBFS Noise Floor for IF Applications
2004
MAX1419 MAXIM-MAX1419 Datasheet
330Kb / 18P
   15-Bit, 65Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
19-3011; Rev 0; 10/03
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
MAX1418 MAXIM-MAX1418 Datasheet
352Kb / 20P
   15-Bit, 65Msps ADC with -78.2dBFS Noise Floor for IF Applications
19-3022; Rev 0; 10/03
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19586 MAXIM-MAX19586 Datasheet
389Kb / 20P
   High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Rev 0; 8/05
MAX19506 MAXIM-MAX19506 Datasheet
1Mb / 34P
   Dual-Channel, 8-Bit, 100Msps ADC
Rev 0; 10/08
MAX19516 MAXIM-MAX19516 Datasheet
430Kb / 35P
   Dual-Channel, 10-Bit, 100Msps ADC
Rev 1; 10/08
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com