Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXK79M36C162GB-33 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXK79M36C162GB-33
Description  18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M36C162GB-33 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXK79M36C162GB-33 Datasheet HTML 7Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 8Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 9Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 10Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 11Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 12Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 13Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 14Page - Sony Corporation CXK79M36C162GB-33 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SONY®
ΣRAM
Preliminary
18Mb 1x2Lp, HSTL, rev 1.1
11 / 25
November 8, 2002
CXK79M36C162GB
AC Electrical Characteristics (Note)
The four AC timing parameters listed below are tested according to specific combinations of Output Clocks (CQs) and Out-
put Data (DQs):
1. tCHQV -
Output Clock High to Output Data Valid (max)
2. tCLQV -
Output Clock Low to Output Data Valid (max)
3. tCHQX -
Output Clock High to Output Data Hold (min)
4. tCLQX -
Output Clock Low to Output Data Hold (min)
The specific CQ / DQ combinations are defined as follows:
512Kb x 36
CQs
DQs
1K,2K
2E, 1F,2F, 1G,2G, 1H,2H, 1J,2J,
1R, 1T, 2T, 1U, 2U, 1V, 2V, 1W, 2W
10K, 11K 10A, 11A, 10B, 11B, 10C, 11C, 10D, 11D, 11E,
10L, 11L,10M,11M,10N,11N,10P,11P,10R


Similar Part No. - CXK79M36C162GB-33

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M36C164GB SONY-CXK79M36C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C165GB SONY-CXK79M36C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Similar Description - CXK79M36C162GB-33

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M72C164GB SONY-CXK79M72C164GB Datasheet
476Kb / 28P
   18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
GSI Technology
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS8160V18CT GSI-GS8160V18CT Datasheet
558Kb / 21P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS8161V18CD GSI-GS8161V18CD Datasheet
776Kb / 28P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816018C GSI-GS816018C Datasheet
567Kb / 22P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
GS816118C GSI-GS816118C Datasheet
769Kb / 29P
   1M x 18 and 512K x 36 18Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com