Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

285D805X0250G4 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 285D805X0250G4
Description  TYPE 285D Foil Tantalum Replacement
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

285D805X0250G4 Datasheet(HTML) 2 Page - Vishay Siliconix

  285D805X0250G4 Datasheet HTML 1Page - Vishay Siliconix 285D805X0250G4 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
189
CASE
CODE
CAP.
TOL.
(
±%)
CAPACITANCE
(
µF)
STANDARD/EXTENDED RATINGS, POLARIZED
TYPE 285D
PART NUMBER*
Max. IMP.
@ - 55
°C
(Ohms)
HOW TO ORDER
285D
TYPE
126
CAPACITANCE
G5
CASE CODE
See Ratings
and Case
Codes Table.
0 = No outer tube.
2 = Outer polyester-film
insulation.
0
STYLE NUMBER
X0
CAPACITANCE
TOLERANCE
250
DC VOLTAGE RATING
AT + 85
°C
This is expressed in
volts. To complete
the three-digit block,
zeros precede the
voltage rating.
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 =
± 20%
X9 =
± 10%
X5 =
± 5%
Packaging: The use of formed plastic trays for
packaging this type of axial lead component is
standard. Tape and Reel is not recommended
because of the unit weight and size.
* Other Ratings Available. Non-Polar ratings available. Please consult factory.
Note: Dissipation Factor limits (maximum): 50 volts and below, - 20%; above 50 volts, -15%.
25 WVDC @ + 85
°C . . . 15 WVDC @ + 125°C
186
64
32
23
G2
G3
G4
G5
20
20
20
20
285D605X0050G2
285D206X0050G3
285D406X0050G4
285D556X0050G5
4.0
10.0
20.0
30.0
30 WVDC @ + 85
°C . . . 20 WVDC @ + 125°C
265
75
37
27
G2
G3
G4
G5
20
20
20
20
285D106X0030G2
285D306X0030G3
285D606X0030G4
285D856X0030G5
5.0
13.0
26.0
38.0
2.0
2.0
4.0
6.0
12.0
35.0
70.0
100.0
2.0
2.0
4.0
6.0
10.0
30.0
60.0
85.0
50 WVDC @ + 85
°C . . . 30 WVDC @ + 125°C
372
112
56
41
G2
G3
G4
G5
20
20
20
20
6.0
13.0
26.0
38.0
6.0
20.0
40.0
55.0
2.0
2.0
4.0
6.0
285D146X0150G4
285D206X0150G5
150 WVDC @ + 85
°C . . . 100 WVDC @ + 125°C
159
112
G4
G5
20
20
26.0
38.0
14.0
20.0
4.0
6.0
285D405X0075G2
285D146X0075G3
285D286X0075G4
285D406X0075G5
75 WVDC @ + 85
°C . . . 50 WVDC @ + 125°C
558
159
80
56
G2
G3
G4
G5
20
20
20
20
6.0
13.0
26.0
38.0
4.0
14.0
28.0
40.0
2.0
2.0
4.0
6.0
285D305X0100G2
285D106X0100G3
285D206X0100G4
285D306X0100G5
100 WVDC @ + 85
°C . . . 65 WVDC @ + 125°C
743
223
112
74
G2
G3
G4
G5
20
20
20
20
6.0
13.0
25.0
38.0
3.0
10.0
20.0
30.0
2.0
2.0
3.0
6.0
285D505X0200G3
285D106X0200G4
285D156X0200G5
200 WVDC @ + 85
°C . . . 150 WVDC @ + 125°C
400
200
130
G3
G4
G5
15
15
15
64.0
100.0
160.0
5.0
10.0
15.0
16.0
28.0
40.0
285D405X0250G3
285D805X0250G4
285D126X0250G5
250 WVDC @ + 85
°C . . . 165 WVDC @ + 125°C
500
250
160
G3
G4
G5
15
15
15
80.0
140.0
200.0
4.0
8.0
12.0
16.0
28.0
40.0
285D106X0300G5
300 WVDC @ + 85
°C . . . 200 WVDC @ + 125°C
225
G5
15
250.0
10.0
50.0
285D126X0025G2
285D356X0025G3
285D706X0025G4
285D107X0025G5
68.0
G5
20
285D686X0035G5
5.0
25.0
40
35 WVDC @ + 85
°C . . . 25 WVDC @ + 125°C
Max. DCL (
µA) @
+ 85
°C
+ 25
°C
+ 125
°C
Vishay Sprague 5900 Australian Avenue, West Palm Beach, FL 33407 • Phone (561) 863-1800 • Fax 561-863-1811 • Internet www.vishay.com
Major Vishay Brands Dale • Draloric • Foil Resistors • Lite-On PSC • Measurements Group • Roederstein • Sfernice • Siliconix • Sprague • Telefunken • Thin Film • Vitramon


Similar Part No. - 285D805X0250G4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
285D VISHAY-285D Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
285D126X0250A0 VISHAY-285D126X0250A0 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
285D126X0250A2 VISHAY-285D126X0250A2 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
285D126X0250B0 VISHAY-285D126X0250B0 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
285D126X0250B2 VISHAY-285D126X0250B2 Datasheet
77Kb / 4P
   Tantalum-Cased-Tantalum Sintered Anode TANTALEX® Capacitors for Operation to 125 °C
Revision: 07-Nov-07
More results

Similar Description - 285D805X0250G4

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RNCS0603BTEKIT SEI-RNCS0603BTEKIT Datasheet
43Kb / 1P
   Anti-Corrosive Tantalum Nitride Replacement Resistor
08/21/2014
logo
jb Capacitors Company
JCC JBCAPACITORS-JCC Datasheet
195Kb / 2P
   Low cost for replacement of some tantalum applications
logo
Stackpole Electronics, ...
RNCS-AS SEI-RNCS-AS Datasheet
463Kb / 7P
   Anti-corrosive Anti-sulfur Tantalum Nitride Replacement Resistor
4/22/2022
logo
Vishay Siliconix
211D VISHAY-211D Datasheet
81Kb / 3P
   Type 211D Wet Tantalum Capacitor Array with Tantalum Cased
logo
Eaton All Rights Reserv...
CL120 EATON-CL120 Datasheet
69Kb / 1P
   Type CL 1-inch Classified Replacement Breaker
logo
List of Unclassifed Man...
715P10354JD3 ETC2-715P10354JD3 Datasheet
493Kb / 15P
   Type 715P, Orange Drop, Polypropylene Film/Foil Capacitors
logo
Cornell Dubilier Electr...
SCR CDE-SCR Datasheet
269Kb / 4P
   Type SCRN Film-Paper/Extended Foil Commutating Capacitor
logo
List of Unclassifed Man...
225P10491WD3 ETC1-225P10491WD3 Datasheet
240Kb / 7P
   Type 225P, Orange Drop짰, Polyester Film/Foil Capacitors
715P22256JD3 ETC1-715P22256JD3 Datasheet
564Kb / 14P
   Type 715P, Orange Drop짰, Polypropylene Film/Foil Capacitors
logo
PHOENIX CONTACT
2701371 PHOENIX-2701371 Datasheet
51Kb / 2P
   Protective foil - 5,7" DISPLAY PROTECTIVE FOIL
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com