Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8V-20CIA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WMS512K8V-20CIA
Description  512Kx8 MONOLITHIC SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WMS512K8V-20CIA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WMS512K8V-20CIA Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8V-20CIA Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMS512K8V-XXX
AC CHARACTERISTICS
(VCC = 3.3V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
Units
Read Cycle
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
15
17
20
ns
Address Access Time
tAA
15
17
20
ns
Output Hold from Address Change
tOH
000
ns
Chip Select Access Time
tACS
15
17
20
ns
Output Enable to Output Valid
tOE
88
10
ns
Chip Select to Output in Low Z
tCLZ1
111
ns
Output Enable to Output in Low Z
tOLZ1
000
ns
Chip Disable to Output in High Z
tCHZ1
88
10
ns
Output Disable to Output in High Z
tOHZ1
88
10
ns
1. This parameter is guaranteed by design but not tested.
AC CHARACTERISTICS
(VCC = 3.3V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-15
-17
-20
Units
Write Cycle
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
15
17
20
ns
Chip Select to End of Write
tCW
12
12
14
ns
Address Valid to End of Write
tAW
12
12
14
ns
Data Valid to End of Write
tDW
9910
ns
Write Pulse Width
tWP
12
14
14
ns
Address Setup Time
tAS
00
0
ns
Address Hold Time
tAH
00
0
ns
Output Active from End of Write
tOW1
23
3
ns
Write Enable to Output in High Z
tWHZ1
88
9
ns
Data Hold Time
tDH
00
0
ns
1. This parameter is guaranteed by design but not tested.
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CIRCUIT
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 2.5
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WMS512K8V-20CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-20CIA WEDC-WMS512K8V-20CIA Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8V-20CIA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com