Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH373A-PA Datasheet(PDF) 5 Page - Anachip Corp

Part # AH373A-PA
Description  Internal Pull-up Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373A-PA Datasheet(HTML) 5 Page - Anachip Corp

  AH373A-PA Datasheet HTML 1Page - Anachip Corp AH373A-PA Datasheet HTML 2Page - Anachip Corp AH373A-PA Datasheet HTML 3Page - Anachip Corp AH373A-PA Datasheet HTML 4Page - Anachip Corp AH373A-PA Datasheet HTML 5Page - Anachip Corp AH373A-PA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AH373
Internal Pull-up Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jan 31, 2005
5/6
Marking Information
(1) SIP3
(2) SOT23
373
YWW X
Date code
Y : Year
WW : Nth week
(Top View)
ID Code:
A~Z: Non-Lead Free
a~z : Lead Free
P2:AH373
XX YM X
Date code
Y : Year
M :Month(A~L)
(Top View)
ID code
A~Z: Non-Lead Free
a~z: Lead Free
Package Information
(1) Package Type: SIP-3L
Active Area Depth
Sensor Location
12
3
2.00mm
1.15mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension
1.57mm
1.47mm
4.17mm
4.04mm
1.82
mm
15.50mm
13.00mm
1
2
3
1.27mm
0.41mm
0.41mm
45º
45º
0.38mm
0.7mm
3.10mm
2.97mm


Similar Part No. - AH373A-PA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373A-PL ANACHIP-AH373A-PL Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373A-PLA ANACHIP-AH373A-PLA Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
More results

Similar Description - AH373A-PA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com