Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-943 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADS-943
Description  14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-943 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ADS-943 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-943 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead
Socket), 24 required. For MIL-STD-883 product specifcation, contact DATEL.
0.80 MAX.
(20.32)
0.015
(0.381)
MAX. radius
for any pin
1.31 MAX.
(33.02)
0.100 TYP.
(2.540)
0.100
(2.540)
0.190 MAX.
(4.826)
0.040
(1.016)
0.020 TYP.
(0.508)
0.020
(0.508)
24
13
12
1
PIN 1
INDEX
0.130 TYP.
(3.302)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
0.060 TYP.
(1.524)
0.010 TYP.
(0.254)
®
®
ADS-943
MECHANICAL DIMENSIONS INCHES (mm)
0.200 MAX.
(5.080)
0.235 MAX.
(5.969)
0.600 ±0.010
(15.240)
0.80 MAX.
(20.32)
0.100 TYP.
(2.540)
0.100
(2.540)
0.018 ±0.002
(0.457)
0.100
(2.540)
0.040
(1.016)
1.31 MAX.
(33.27)
1
12
13
24
1.100
(27.940)
0.190 MAX.
(4.826)
0.010
(0.254)
+0.002
–0.001
SEATING
PLANE
0.025
(0.635)
Dimension Tolerances (unless otherwise indicated):
2 place decimal (.XX) ±0.010 (±0.254)
3 place decimal (.XXX) ±0.005 (±0.127)
Lead Material: Kovar alloy
Lead Finish: 50 microinches (minimum) gold plating
over 100 microinches (nominal) nickel plating
PIN 1 INDEX
24-Pin DDIP
Versions
ADS-943MC
ADS-943MM
ADS-943/883
24-Pin
Surface Mount
Versions
ADS-943GC
ADS-943GM
ADS-943G/883
OPERATING
24-PIN
MODEL
TEMP. RANGE
PACKAGE
ADS-943MC
0 to +70°C
DDIP
ADS-943MM
–55 to +125°C
DDIP
ADS-943/883
–55 to +125°C
DDIP
ADS-943GC
0 to +70°C
SMT
ADS-943GM
–55 to +125°C
SMT
ADS-943G/883
–55 to +125°C
SMT
ORDERING INFORMATION
ACCESSORIES
ADS-B943
Evaluation Board (without ADS-943)
HS-24
Heat Sink for all ADS-943 DDIP models
®
®
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
ISO 9001
ISO 9001
REGISTERED
DS-0333A
11/96
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000
(800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
E-mail:sales@datel.com
Data Sheet Fax Back: (508) 261-2857
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 1-34-60-01-01
DATEL GmbH München, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025


Similar Part No. - ADS-943

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-943 MURATA-PS-ADS-943 Datasheet
168Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-943-C883 DATEL-ADS-943-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-943/883 MURATA-PS-ADS-943/883 Datasheet
168Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-943/883 DATEL-ADS-943/883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943883 DATEL-ADS-943883 Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-943

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-943 MURATA-PS-ADS-943 Datasheet
168Kb / 8P
   14-Bit, 3MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-933 MURATA-PS-ADS-933 Datasheet
134Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS953 ETC-ADS953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-944 MURATA-PS-ADS-944 Datasheet
174Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS944 ETC-ADS944 Datasheet
172Kb / 8P
   14-Bit, 5MHz Sampling A/D Converters
ADS-947 ETC-ADS-947 Datasheet
169Kb / 8P
   14-Bit, 10MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com