Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS-953ME Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ADS-953ME
Description  18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADS-953ME Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ADS-953ME Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-953ME Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-953ME Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-953ME Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-953ME Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-953ME Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADS-953
5
®®
Figure 3. ADS-953 Timing Diagram
Figure 2. Typical ADS-953 Connection Diagram
Scale is approximately 50ns per division.
START
CONVERT
INTERNAL S/H
N
N+1
500ns typ.
Acquisition Time
260ns typ.
740ns typ.
5ns typ.
EOC
65ns typ.
Conversion Time
730ns typ.
OUTPUT
DATA
Data N-2 Valid
980ns typ.
Hold
Data N-1 Valid
20ns typ.
20ns
Invalid Data
N
3
11
ADS-953
10
2
1
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14
BIT 15
BIT 16
BIT 17
BIT 18 (LSB)
+5V ANALOG
15
ANALOG
GROUND
ANALOG
GROUND
DIGITAL
GROUND
0.1µF
10µF
0.1µF
+
10µF
+5V
REF. OUT
COMPENSATION
47µF
14
13
5
7
START CONVERT
+5V DIGITAL
GAIN
ADJUST
6
16
0.1µF
10µF
12
9
0.1µF
10µF
8
0.1µF
10µF
0.1µF
10µF
+
+
EOC
–5V ANALOG
+15V
–15V
ANALOG INPUT
4
Pin 5 (ADS-953)
10kΩ


Similar Part No. - ADS-953ME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-953ME MURATA-PS-ADS-953ME Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
DATEL, Inc.
ADS-953ME DATEL-ADS-953ME Datasheet
105Kb / 1P
   Sampling A/D Converters
More results

Similar Description - ADS-953ME

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADS-953 MURATA-PS-ADS-953 Datasheet
141Kb / 6P
   18-Bit, 1MHz, Low-Distortion Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-951 ETC2-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-951 MURATA-PS-ADS-951 Datasheet
87Kb / 6P
   18-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
API Technologies Corp
MN6290 APITECH-MN6290 Datasheet
1Mb / 12P
   Low-distortion Sampling 16-bit A/D Converters
logo
C&D Technologies
ADS-941 CANDD-ADS-941 Datasheet
83Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-927 ETC-ADS-927 Datasheet
150Kb / 8P
   14-Bit, 1MHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-931 MURATA-PS-ADS-931 Datasheet
170Kb / 10P
   16-Bit, 1MHz Sampling A/D Converters
ADS-937 MURATA-PS-ADS-937 Datasheet
740Kb / 8P
   16-Bit, 1MHz Sampling A/D Converters
ADS-941 MURATA-PS-ADS-941 Datasheet
77Kb / 6P
   14-Bit, 1MHz Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-112 ETC-ADS-112 Datasheet
73Kb / 6P
   12-Bit, 1MHz, Low-Power Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com