Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AYPG1211F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AYPG1211F
Description  Bi-Color Right Angle SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AYPG1211F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AYPG1211F Datasheet HTML 1Page - List of Unclassifed Manufacturers AYPG1211F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
s Precautions
Please follow these handling precautions to prevent damage to the chip and
ensure its reliability.
1. Soldering conditions:
• Soldering iron: Temperature at tip of iron: 280°C max. (30W max.)
Soldering time: 3 sec. max.
• Dip soldering: Preheating: 120 ~ 150°C max. (resin surface temp.)
60 ~ 120 sec. max. Bath temperature: 260°C max. Dipping Time: 5 sec. max.
• Reflow Soldering:
2. Cleaning:
• If cleaning is required, use the following solutions for less than 1 minute,
at less than 40°C.
• Appropriate chemicals: Ethyl alcohol and isopropyl alcohol.
• Effect of ultrasonic cleaning on the LED resin body differs depending on such
factors as the oscillator output, size of PCB and LED mounting method. The
use of ultrasonic cleaning should be enforced at proper output after confirming
there is no problem.
Product specifications subject to change without notice. PG1211F-0301
s Taping Specifications
s Operation Current Derating Chart (DC)
AYPG, BRPY, AAPG, BRPG
s Spatial Distribution
Stanley Electric Sales of America, Inc.
2660 Barranca Parkway, Irvine, CA 92606
• Tel: 800-LED-LCD1 (533-5231)
• Fax: 949-222-0555
Website: www.stanley-electric.com
Operation Heating
Pre-heating
Temperature
rise: 5°C/sec.
Cooling:
—5°C/sec.
60 to 120 sec.
5 sec. max
0
120
150
240
°C
φ 1.5
+0.1
0
(φ 1.1)
Center
Hole
(2.3)
4 + 0.1
4 + 0.1
2+0.05
(0.2)
(1.2)
Center Hole
Direction to pull
φ 21+0.8
9+0.3
11.4+1
φ 13+0.2
φ 180
+0
3
2+0.5
Quantity on tape:
3000 pieces
per reel
(Ta=25°C)
Yellow (AY) -
Green (PG)
AYPG
70
25
60
4
s Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
∆IF
Red (BR) -
Yellow-Green (PY)
BRPY
70
25
60
4
Orange (AA) -
Green (PG)
AAPG
70
25
60
4
Red (BR) -
Green (PG)
BRPG
70
25
60
4
mW
mA
mA
V
°C
°C
mA/°C
* Ta=25°C,
IFM applies for the pulse width ≤ 1msec. and duty cycle ≤1/20.
0.36 (DC) 0.86 (Pulse)
Units
Item
-40 to +85
-40 to +100
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
1
-20°
-30°
-40°
-50°
-60°
-70°
-80°
AY
PG
-10°
-20°
-30°
-40°
-50°
-60°
-70°
-80°
1
-20°
-30°
-40°
-50°
-60°
-70°
-80°
BR
PY
XX


Similar Part No. - AYPG1211F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AYPG1211F STANLEY-AYPG1211F Datasheet
181Kb / 2P
   1211F Series, Bi-Color Right Angle SMT LED
More results

Similar Description - AYPG1211F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPG1211F-TR STANLEY-BRPG1211F-TR Datasheet
181Kb / 2P
   1211F Series, Bi-Color Right Angle SMT LED
logo
P-tec Corporation
PL315-2RG1213 P-TEC-PL315-2RG1213 Datasheet
31Kb / 1P
   Bi-Color 3mm LED Right Angle Bi-Level Holder
PL315-2YG0113 P-TEC-PL315-2YG0113 Datasheet
31Kb / 1P
   Bi-Color 3mm LED Right Angle Bi-Level Holder
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
   Bi-Color Ultra Compact SMT LED
logo
HK TO-GRACE TECHNOLOGY ...
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
logo
Everlight Electronics C...
12-22-Y2G6C-A30-2C EVERLIGHT-12-22-Y2G6C-A30-2C Datasheet
196Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
P-tec Corporation
PL00295-WCRG2617 P-TEC-PL00295-WCRG2617 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
PL00295-WCGY1708 P-TEC-PL00295-WCGY1708 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com