Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAPG1211F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AAPG1211F
Description  Bi-Color Right Angle SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AAPG1211F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AAPG1211F Datasheet HTML 1Page - List of Unclassifed Manufacturers AAPG1211F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Guide
Product Guide
Product Guide
s Outline Dimensions
s Features
• Bi-color right angle LED
• Measures 3.0L x 2.0W x 1.0H
• Same dimensions as mono-color / 1101F type
• Highly reliable, space- and cost-efficient
s Applications
• Edge-lighting applications such as use in cellular telephones
• Indicators for PCs, servers, modems, printers or scanners
1211F Series, Bi-Color Right Angle SMT LED
1211F Series, Bi-Color Right Angle SMT LED
Unit: mm
Tolerances + 0.1
s Electro-Optical Characteristics
Part No.
Milky
White
TYP.
IF
Wavelength
Spectral Line
Half Width
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2
θ 1/2)
Orange (AA)
Green (PG)
Yellow (AY)
Green (PG)
Red (BR)
Green (PG)
Red (BR)
Yellow-Green (PY)
3.0
5.2
3.0
5.2
17.6
5.2
17.6
8.8
2.1
3.7
2.1
3.7
12.4
3.7
12.4
6.2
20
20
20
20
20
20
20
20
605
560
580
560
660
560
660
570
606
567
590
567
647
567
647
572
30
30
30
30
30
30
30
30
20
20
20
20
20
20
20
20
2.2
2.1
2.2
2.1
1.7
2.1
1.7
2.1
2.8
2.8
2.8
2.8
2.3
2.8
2.3
2.8
20
20
20
20
20
20
20
20
100
100
100
100
100
100
100
100
4
4
4
4
4
4
4
4
GaAsP
GaP
GaAsP
GaP
GaAlAs
GaP
GaAlAs
GaP
AYPG1211F
BRPG1211F
BRPY1211F
Units
mcd
mA
nm
mA
mA
µA
V
Deg.
V
MIN.
∆λ
λ
TYP.
Peak
λ
λp
TYP.
Dominant
λ
λd
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
150°
Material
(Ta=25°C)
AAPG1211F


Similar Part No. - AAPG1211F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
AAPG1211F STANLEY-AAPG1211F Datasheet
181Kb / 2P
   1211F Series, Bi-Color Right Angle SMT LED
More results

Similar Description - AAPG1211F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BRPG1211F-TR STANLEY-BRPG1211F-TR Datasheet
181Kb / 2P
   1211F Series, Bi-Color Right Angle SMT LED
logo
P-tec Corporation
PL315-2RG1213 P-TEC-PL315-2RG1213 Datasheet
31Kb / 1P
   Bi-Color 3mm LED Right Angle Bi-Level Holder
PL315-2YG0113 P-TEC-PL315-2YG0113 Datasheet
31Kb / 1P
   Bi-Color 3mm LED Right Angle Bi-Level Holder
logo
List of Unclassifed Man...
BRPG1211C ETC-BRPG1211C Datasheet
170Kb / 2P
   Bi-Color Ultra Compact SMT LED
logo
HK TO-GRACE TECHNOLOGY ...
12-22-Y2G6C-A30-2C TO-GRACE-12-22-Y2G6C-A30-2C Datasheet
1,011Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
logo
Everlight Electronics C...
12-22-Y2G6C-A30-2C EVERLIGHT-12-22-Y2G6C-A30-2C Datasheet
196Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-color)
12-22-R6GHC-A30-2C EVERLIGHT-12-22-R6GHC-A30-2C Datasheet
267Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
12-22-R6GHC-A30-2C TO-GRACE-12-22-R6GHC-A30-2C Datasheet
713Kb / 12P
   Right Angle Lens Chip LED with Bi-Color(Multi-Color)
logo
P-tec Corporation
PL00295-WCRG2617 P-TEC-PL00295-WCRG2617 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
PL00295-WCGY1708 P-TEC-PL00295-WCGY1708 Datasheet
32Kb / 1P
   SMD LED Bi-Color Right Angle 1104 Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com