Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7502-50 Datasheet(PDF) 3 Page - Data Delay Devices, Inc.

Part # 3D7502-50
Description  MONOLITHIC MANCHESTER DECODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7502-50 Datasheet(HTML) 3 Page - Data Delay Devices, Inc.

  3D7502-50 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7502-50 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7502-50 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7502-50 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3D7502
Doc #97032
DATA DELAY DEVICES, INC.
3
5/19/97
3 Mt. Prospect Ave. Clifton, NJ 07013
.
DEVICE SPECIFICATIONS
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Static Supply Current*
IDD
40
mA
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
µA
VIH = VDD
Low Level Input Current
IIL
1.0
µA
VIL = 0V
High Level Output Current
IOH
-4.0
mA
VDD = 4.75V
VOH = 2.4V
Low Level Output Current
IOL
4.0
mA
VDD = 4.75V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2
ns
CLD = 5 pf
*IDD(Dynamic) = 2 * CLD * VDD * F
Input Capacitance = 10 pf typical
where:
CLD = Average capacitance load/pin (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
TABLE 4: AC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V, except as noted)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Nominal Input Baud Rate
fBN
5
50
MBaud
Allowed Input Baud Rate Deviation
fB
-0.15 fBN
0.15 fBN
MBaud
25C, 5.00V
Allowed Input Baud Rate Deviation
fB
-0.05 fBN
0.05 fBN
MBaud
-40C to 85C
4.75V to 5.25V
Allowed Input Baud Rate Deviation
fB
-0.03 fBN
0.03 fBN
MBaud
-55C to 125C
4.75V to 5.25V
Allowed Input Duty Cycle
42.5
50.0
57.5
%
Bit Cell Time
tc
1000/fB
ns
Input Data Edge to Clock Falling Edge
tCL
0.75 tc
ns
Clock Width Low
tCWL
500/fBN
ns
±2ns or 5%
Clock Falling Edge to Data Transition
tCD
3.0
4.0
5.0
ns


Similar Part No. - 3D7502-50

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7501 DATADELAY-3D7501 Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501D DATADELAY-3D7501D Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501G DATADELAY-3D7501G Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501H DATADELAY-3D7501H Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501M DATADELAY-3D7501M Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
More results

Similar Description - 3D7502-50

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com