Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7502-5 Datasheet(PDF) 2 Page - Data Delay Devices, Inc.

Part # 3D7502-5
Description  MONOLITHIC MANCHESTER DECODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7502-5 Datasheet(HTML) 2 Page - Data Delay Devices, Inc.

  3D7502-5 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7502-5 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7502-5 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7502-5 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3D7502
Doc #97032
DATA DELAY DEVICES, INC.
2
5/19/97
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
APPLICATION NOTES
The 3D7502 Manchester Decoder samples the
input at precise pre-selected intervals to retrieve
the data and to recover the clock from the
received data stream. Its architecture comprises
finely tuned delay elements and proprietary
circuitry which, in conjunction with other circuits,
implement the data decoding and clock recovery
function.
INPUT SIGNAL CHARACTERISTICS
Encoded data transmitted from a source arrives
at its destination corrupted. Such corruption of
the received data manifests itself as jitter and/or
pulse width distortion at the input to the device.
The instantaneous deviations from nominal Baud
Rate and/or Pulse Width (high or low) adversely
impact the data extraction and clock recovery
function if their published limits are exceeded.
See Table 4, Allowed Baud Rate/Duty Cycle.
The 3D7502 Manchester Decoder Data Input is
TTL compatible. The user should assure
himself that the 1.5 volt TTL threshold is used
when referring to all timing, especially the input
pulse widths.
FREQUENCY (JITTER) ERRORS
The 3D7502 Manchester Decoder, being a self-
timed device, is tolerant of frequency
modulation (jitter) present in the input data
stream, provided that the input data pulse width
variations remain within the allowable ranges.
OUTPUT SIGNAL CHARACTERISTICS
The 3D7502 presents at its outputs the decoded
data (inverted) and the recovered clock. The
decoded data is valid at the rising edge of the
clock.
The clock recovery function operates in two
modes dictated by the input data stream bit
sequence. When a data bit is succeeded by its
inverse, the clock recovery circuit is engaged
and forces the clock output low for a time equal
to one over twice the baud rate. Otherwise,
the input is presented at the clock output
unchanged, shifted in time.
When engaged, the clock recovery circuit
generates a low-going pulse of fixed width.
Therefore, the clock duty cycle is strongly
dependent on the baud rate, as this will affect
the clock-high duration.
The clock output falling edge is not operated on
by the clock recovery circuitry. It, therefore,
preserves more accurately the clock frequency
information embedded in the transmitted data.
Therefore, it can be used, if it is desired, to
retrieve clock frequency information.
POWER SUPPLY AND
TEMPERATURE CONSIDERATIONS
CMOS integrated circuitry is strongly dependent
on power supply and temperature. The
monolithic 3D7502 Manchester Decoder utilizes
novel and innovative compensation circuitry to
minimize timing variations induced by
fluctuations in power supply and/or temperature.
CLOCK
(CLK)
RECEIVED
(RX)
Figure 1: Timing Diagram
tC
DECODED
1
0
1
1
0
0
1
ENCODED
1
0
1
1
0
0
1
0
DATA
(DATB)
tCL
tCWL
tCD


Similar Part No. - 3D7502-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7501 DATADELAY-3D7501 Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501D DATADELAY-3D7501D Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501G DATADELAY-3D7501G Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501H DATADELAY-3D7501H Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
3D7501M DATADELAY-3D7501M Datasheet
34Kb / 4P
   MONOLITHIC MANCHESTER ENCODER
More results

Similar Description - 3D7502-5

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
   MONOLITHIC MANCHESTER DECODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
   Manchester Encoder / Decoder
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com