Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K32NBV-17G2CEA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WS512K32NBV-17G2CEA
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K32NBV-17G2CEA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WS512K32NBV-17G2CEA Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CEA Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
PIN DESCRIPTION
I/O0-31 Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
Vcc
Power Supply
GND
Ground
NC
Not Connected
512K x 8
8
I/O 0-7
CS1
512K x 8
8
I/O 8-15
2
512K x 8
8
I/O 16-23
3
512K x 8
8
I/O 24-31
4
A 0-18
OE
WE
CS
WE
CS
WE
CS
WE
12
3
4
BLOCK DIAGRAM
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
TOP VIEW
The White 68 lead G2 CQFP fills
the same fit and function as the
JEDEC 68 lead CQFJ or 68 PLCC.
But the G2 has the TCE and lead
inspection advantage of the
CQFP form.
0.940"
PIN CONFIGURATION FOR WS512K32BV-XG2XE


Similar Part No. - WS512K32NBV-17G2CEA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32NBV-17G2CEA WEDC-WS512K32NBV-17G2CEA Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results

Similar Description - WS512K32NBV-17G2CEA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com