Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K32NBV-15H2CE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WS512K32NBV-15H2CE
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K32NBV-15H2CE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  WS512K32NBV-15H2CE Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32NBV-15H2CE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
ORDERING INFORMATION
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
E = Epitaxial Layer
DEVICE GRADE:
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE TYPE:
H2 = Ceramic Hex-In-line Package, HIP (Package 402)
G2 = 22 mm Ceramic Quad Flat Pack, CQFP (Package 500)
ACCESS TIME (ns)
Low Voltage Supply 3.3V
± 10%
BiCMOS
IMPROVEMENT MARK:
N = No Connect at pin 21 and 39 in HIP for Upgrades
ORGANIZATION, 512Kx32
User configurable as 1Mx16 or 2Mx8
SRAM
WHITE MICROELECTRONICS
W S
512K 32 X B V - XXX X X E X


Similar Part No. - WS512K32NBV-15H2CE

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32NBV-15H2CE WEDC-WS512K32NBV-15H2CE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS512K32NBV-15H2CEA WEDC-WS512K32NBV-15H2CEA Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results

Similar Description - WS512K32NBV-15H2CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com