Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS512K32NBV-17G2CE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS512K32NBV-17G2CE
Description  512Kx32 3.3V SRAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS512K32NBV-17G2CE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS512K32NBV-17G2CE Datasheet HTML 1Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 2Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 3Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 4Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 5Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 6Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 7Page - List of Unclassifed Manufacturers WS512K32NBV-17G2CE Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
WS512K32BV-XXXE
512Kx32 3.3V SRAM MODULE
PRELIMINARY*
s Commercial, Industrial and Military Temperature Ranges
s 3.3 Volt Power Supply
s BiCMOS
s TTL Compatible Inputs and Outputs
s Built-in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation
s Weight
WS512K32BV-XG2XE - 8 grams typical
WS512K32NBV-XH2XE - 13 grams typical
* This data sheet describes a product under development, not fully
characterized, and is subject to change without notice.
This speed is Advanced information.
FEATURES
s Access Times of 15, 17, 20ns
s MIL-STD-883 Compliant Devices Available
s Low Voltage Operation
s Packaging
• 66-pin, PGA Type, 1.385 inch square Hermetic Ceramic HIP
(Package 402)
• 68 lead, Hermetic CQFP (G2), 22mm (0.880 inch) square
(Package 500). Designed to fit JEDEC 68 lead 0.990" CQFJ
footprint
s Organized as 512Kx32; User Configurable as 1Mx16 or 2Mx8
s Radiation Tolerant with Epitaxial Layer Die
PIN CONFIGURATION FOR WS512K32NBV-XH2XE
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
I/O8
I/O9
I/O10
A13
A14
A15
A16
A17
I/O0
I/O1
I/O2
WE2
CS2
GND
I/O11
A10
A11
A12
VCC
CS1
NC
I/O3
I/O15
I/O14
I/O13
I/O12
OE
A18
WE1
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A6
A7
NC
A8
A9
I/O16
I/O17
I/O18
VCC
CS4
WE4
I/O27
A3
A4
A5
WE3
CS3
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A0
A1
A2
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
TOP VIEW
BLOCK DIAGRAM
512K x 8
8
I/O 0-7
CS1
512K x 8
8
I/O 8-15
2
512K x 8
8
I/O 16-23
3
512K x 8
8
I/O 24-31
4
A 0-18
OE
WE
CS
WE
CS
WE
CS
WE
12
3
4
February 1998


Similar Part No. - WS512K32NBV-17G2CE

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WS512K32NBV-17G2CE WEDC-WS512K32NBV-17G2CE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
WS512K32NBV-17G2CEA WEDC-WS512K32NBV-17G2CEA Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
More results

Similar Description - WS512K32NBV-17G2CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K32V ETC1-WS512K32V Datasheet
128Kb / 8P
   512Kx32 SRAM 3.3V MODULE
logo
White Electronic Design...
WS512K32BV-XXXE WEDC-WS512K32BV-XXXE Datasheet
332Kb / 8P
   512Kx32 3.3V SRAM MODULE
EDI8L32512V WEDC-EDI8L32512V Datasheet
230Kb / 8P
   512Kx32 SRAM Module.3.3V
WS512K32V-XXX WEDC-WS512K32V-XXX Datasheet
292Kb / 7P
   512Kx32 SRAM 3.3V MULTICHIP PACKAGE
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WEDPS512K32V-XBX WEDC-WEDPS512K32V-XBX Datasheet
217Kb / 7P
   512Kx32 SRAM 3.3V MULTI-CHIP PACKAGE
logo
Aeroflex Circuit Techno...
ACT-SF512K32 AEROFLEX-ACT-SF512K32 Datasheet
182Kb / 11P
   ACT-SF512K32 High Speed 512Kx32 SRAM / 512Kx32 Flash Multichip Module
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WSF41632-22XX WEDC-WSF41632-22XX Datasheet
526Kb / 14P
   128KX32 SRAM & 512Kx32 FLASH MIXED MODULE
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com