Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTDC3M832TC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXTDC3M832TC
Description  MPPS Miniature Package Power Solutions DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXTDC3M832TC Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXTDC3M832TC Datasheet HTML 1Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 2Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 3Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 4Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 5Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 6Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 7Page - Zetex Semiconductors ZXTDC3M832TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SUMMARY
NPN
VCEO = 50V; RSAT = 68m ; C = 4A
PNP
VCEO =-40V; RSAT = 104m ; C = -3A
DESCRIPTION
Packaged in the innovative 3mm x 2mm MLP (Micro Leaded Package) outline,
these new 4
th generation low saturation dual transistors offer extremely low on
state losses making them ideal for use in DC-DC circuits and various driving
and power management functions.
Additionally users gain several other key benefits:
Performance capability equivalent to much larger packages
Improved circuit efficiency & power levels
PCB area and device placement savings
Lower package height (nom 0.9mm)
Reduced component count
FEATURES
Low Equivalent On Resistance
Extremely Low Saturation Voltage (100mV @1A--NPN)
h
FE characterised up to 6A
I
C=4A Continuous Collector Current
3mm x 2mm MLP
APPLICATIONS
DC - DC Converters
Charging circuits
Power switches
Motor control
CCFL Backlighting
DEVICE MARKING
DC3
ZXTDC3M832
ISSUE 1 - JUNE 2002
1
MPPS™ Miniature Package Power Solutions
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR
COMBINATION
B1
C1
E1
3mm x 2mm MLP
underside view
PINOUT
DEVICE
REEL
TAPE
WIDTH
QUANTITY
PER REEL
ZXTDC3M832TA
7
8mm
3000
ZXTDC3M832TC
13
8mm
10000
ORDERING INFORMATION
3mm x 2mm (Dual die) MLP
B2
C2
E2


Similar Part No. - ZXTDC3M832TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDC3M832TC DIODES-ZXTDC3M832TC Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
More results

Similar Description - ZXTDC3M832TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTCM322 DIODES-ZXTCM322 Datasheet
400Kb / 6P
   MPPS Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
logo
Zetex Semiconductors
ZXTCM322 ZETEX-ZXTCM322 Datasheet
185Kb / 6P
   MPPS??Miniature Package Power Solutions 50V NPN LOW SATURATION TRANSISTOR
ZXT3M322 ZETEX-ZXT3M322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 40V PNP LOW SATURATION SWITCHING TRANSISTOR
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTDCM832 ZETEX-ZXTDCM832 Datasheet
214Kb / 6P
   MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CDBS1M832 ZETEX-ZX3CDBS1M832 Datasheet
358Kb / 9P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTEM322 ZETEX-ZXTEM322 Datasheet
166Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTEM322 ZETEX-ZXTEM322_06 Datasheet
209Kb / 6P
   MPPS Miniature Package Power Solutions 80V NPN LOW SATURATION TRANSISTOR
ZXTBM322 ZETEX-ZXTBM322 Datasheet
177Kb / 6P
   MPPS??Miniature Package Power Solutions 20V NPN LOW SATURATION TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com