Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS512K8V-20CM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WMS512K8V-20CM
Description  512Kx8 MONOLITHIC SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WMS512K8V-20CM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WMS512K8V-20CM Datasheet HTML 1Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 2Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 3Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 4Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 5Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 6Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 7Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 8Page - List of Unclassifed Manufacturers WMS512K8V-20CM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WMS512K8V-XXX
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Operating Temperature
TA
-55
+125
°C
Storage Temperature
TSTG
-65
+150
°C
Signal Voltage Relative to GND
VG
-0.5
4.6
V
Junction Temperature
TJ
150
°C
Supply Voltage
VCC
-0.5
4.6
V
CS
OE
WE
Mode
Data I/O
Power
H
X
X
Standby
High Z
Standby
L
L
H
Read
Data Out
Active
L
X
L
Write
Data In
Active
L
H
H
Out Disable
High Z
Active
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max
Unit
Input capacitance
CIN
VIN = 0V, f = 1.0MHz
12
pF
Output capacitance
COUT
VOUT = 0V, f = 1.0MHz
12
pF
This parameter is guaranteed by design but not tested.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
3.0
3.6
V
Input High Voltage
VIH
2.2
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Ind.)
TA
-40
+85
°C
CAPACITANCE
(TA = +25
°C)
DC CHARACTERISTICS
(VCC = 3.3V, GND = 0V, TA = -55
°C to +125°C)
Parameter
Sym
Conditions
Units
Min
Max
Input Leakage Current
ILI
VCC = 3.6, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS = VIH, OE = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC
CS = VIL, OE = VIH, f = 5MHz, Vcc = 3.6
100
mA
Standby Current
ISB
CS = VIH, OE = VIH, f = 5MHz, Vcc = 3.6
50
mA
Output Low Voltage
VOL
IOL = 4.0mA
0.4
V
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
NOTE: Contact factory for low power option.


Similar Part No. - WMS512K8V-20CM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-20CM WEDC-WMS512K8V-20CM Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
WMS512K8V-20CMA WEDC-WMS512K8V-20CMA Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
More results

Similar Description - WMS512K8V-20CM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WMS512K8V-XCX WEDC-WMS512K8V-XCX Datasheet
266Kb / 6P
   512Kx8 MONOLITHIC SRAM
WMS512K8BV-XXXE WEDC-WMS512K8BV-XXXE Datasheet
435Kb / 8P
   512Kx8 MONOLITHIC SRAM
logo
List of Unclassifed Man...
WMS512K8 ETC1-WMS512K8 Datasheet
114Kb / 10P
   512Kx8 MONOLITHIC SRAM
logo
White Electronic Design...
WMS512K8V-XXX WEDC-WMS512K8V-XXX Datasheet
277Kb / 9P
   512Kx8 MONOLITHIC SRAM
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
EDI88512CA-RP WEDC-EDI88512CA-RP Datasheet
194Kb / 7P
   512Kx8 Plastic Monolithic SRAM CMOS
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
Eorex Corporation
EM6112K800V EOREX-EM6112K800V Datasheet
316Kb / 13P
   512Kx8 LP SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com