Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT1553BRTIGPA Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UT1553BRTIGPA
Description  RTI Remote Terminal Interface
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UT1553BRTIGPA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UT1553BRTIGPA Datasheet HTML 1Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 2Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 3Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 4Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 5Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 6Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 7Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 8Page - List of Unclassifed Manufacturers UT1553BRTIGPA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
RTI-4
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
1.1.2 Transparent Memory Access
Configured in the transparent memory mode the host
microprocessor accesses shared memory through the RTI.
Arbitration for access to the bus is performed as discussed
in section 1.1.1 of this document.
When granted access to memory, the RTI asserts memory
control signals ADDR OUT(10:0), RCS, and RRD/RWR.
For host-controlled memory accesses the RAM memory
address from the host is propagated from the Address In bus
ADDR IN (10:0) to theAddress Out busADDR OUT (10:0).
Memory control signals RD/WR and CS are also propagated
through the RTI as RRD/RWR and RCS. Input CTRL is
negated during all transparent memory accesses to prevent
the RTI from inadvertently performing an internal register
access or software reset. While CS is asserted, the RTI’s
bidirectional Data bus DATA I/O (15:0) is an input (i.e., not
actively driving bus).
The host microprocessor gains access to the RTI internal
registers by controlling input pins CS, CTRL, ADDR IN
(10:0), and RD/WR. During message processing the host
microprocessor should limit access to RTI internal registers.
The host should not assert CS while the RTI is performing
a memory access.
1.2 Internal Register Description
The RTI uses three internal registers to allow the host to
control the RTI operation and monitor its status. The host
uses the following inputs Control (CTRL), Chip Select
(CS), Read/Write (RD/WR), and ADDR IN (0) to read the
16-bit System Register or write to the 8-bit Control Register.
The Control Register toggles bits in the MIL-STD-1553B
status word, enables biphase inputs, selects terminal active
flag, and puts the part in self-test. The System Register
supplies operational status of the UT1553B RTI to the host.
The Last Command Register saves the command word for
a Transmit Last Command mode code, along with
operational status from the System Register.
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
Figure 2. Direct Memory Access Configuration
DATA(15:0)
ADDR(10:0)
CONTROL
CONTROL
Control Register (Write Only)
Figure 3. Transparent Memory Access Configuration
Shared
Memory
Host
Computer
RTI
UT1553B
DMA
CONTROLLER
DATA(15:0)
ADDR IN (10:0)
CONTROL
ADDR OUT (10:0)
CONTROL
DATA I/O (15:0)


Similar Part No. - UT1553BRTIGPA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1553BRTR ETC1-UT1553BRTR Datasheet
1Mb / 44P
   Remote Terminal with RAM
UT1553BRTR-GA ETC1-UT1553BRTR-GA Datasheet
1Mb / 44P
   Remote Terminal with RAM
UT1553BRTR-GC ETC1-UT1553BRTR-GC Datasheet
1Mb / 44P
   Remote Terminal with RAM
UT1553BRTR-GX ETC1-UT1553BRTR-GX Datasheet
1Mb / 44P
   Remote Terminal with RAM
UT1553BRTR-GXA ETC1-UT1553BRTR-GXA Datasheet
1Mb / 44P
   Remote Terminal with RAM
More results

Similar Description - UT1553BRTIGPA

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-6135 HOLTIC-HI-6135_16 Datasheet
4Mb / 172P
   Compact Remote Terminal with SPI Host Interface
logo
List of Unclassifed Man...
RTS1760 ETC2-RTS1760 Datasheet
449Kb / 2P
   Remote Terminal
logo
New Japan Radio
NJM2145 NJRC-NJM2145 Datasheet
235Kb / 6P
   REMOTE-CONTROL INTERFACE
logo
RHOPOINT COMPONENTS
F10067-102 RHOPOINT-F10067-102 Datasheet
147Kb / 4P
   RTI AUDIO FILM CAPACITORS
logo
Gamewell-FCI by Honeywe...
RPI GAMEWELL-FCI-RPI Datasheet
61Kb / 1P
   Remote Printer Interface Module
logo
New Japan Radio
NJM2129 NJRC-NJM2129 Datasheet
200Kb / 5P
   REMOTE-CONTROL INTERFACE IC
logo
List of Unclassifed Man...
UT1553BRTR ETC1-UT1553BRTR Datasheet
1Mb / 44P
   Remote Terminal with RAM
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E_14 Datasheet
1Mb / 26P
   SpaceWire Remote Terminal Controller
logo
M-System Co.,Ltd.
DLC MSYSTEM-DLC Datasheet
287Kb / 9P
   REMOTE I/O INTERFACE UNIT
logo
ATMEL Corporation
AT7913E ATMEL-AT7913E Datasheet
420Kb / 18P
   SpaceWire-Remote Terminal Controller (RTC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com