Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS256K64-25G4WM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WS256K64-25G4WM
Description  256Kx64 SRAM MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WS256K64-25G4WM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WS256K64-25G4WM Datasheet HTML 1Page - List of Unclassifed Manufacturers WS256K64-25G4WM Datasheet HTML 2Page - List of Unclassifed Manufacturers WS256K64-25G4WM Datasheet HTML 3Page - List of Unclassifed Manufacturers WS256K64-25G4WM Datasheet HTML 4Page - List of Unclassifed Manufacturers WS256K64-25G4WM Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
4
1
256Kx64 SRAM MODULE ADVANCED*
FEATURES
s Access Times 20, 25, 35ns
s MIL-STD-883 Compliant Devices Available
s Packaging:
• 116 lead, 40mm, Hermetic CQFP (Package 504)
s Organized as 256Kx64, User Configurable as 512Kx32 or
1Mx16.
s Data I/O Compatible with 3.3V devices
s 2V Data Retention devices available
s Commercial, Industrial and Military Temperature Range
s 5 Volt Power Supply
s Low Power CMOS
s TTL Compatible Inputs and Outputs
s Weight
WS256K64-XG4WX - 20 grams typical
*
This data sheet describes a product that may or may not be under
development and is subject to change or cancellation without notice.
FIG. 1 PIN CONFIGURATION FOR WS256K64-XG4WX
BLOCK DIAGRAM
TOP VIEW
PIN DESCRIPTION
I/O0-63 Data Inputs/Outputs
A0-17
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
256K x 16
16
I/O 0-15
CS1
256K x 16
16
I/O 16-31
CS2
16
I/O 32-47
CS3
256K x 16
16
I/O 48-63
CS4
A 0-17
OE
WE1
WE2
WE3
WE4
256K x 16
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
GND
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O60
I/O59
I/O58
I/O57
I/O56
GND
I/O55
I/O54
I/O53
I/O52
I/O51
I/O50
I/O49
I/O48
GND
I/O47
I/O46
I/O45
I/O44
I/O43
I/O42
I/O41
I/O40
GND
I/O39
I/O38
I/O37
I/O36
I/O35
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
WS256K64-XG4WX
September 1998


Similar Part No. - WS256K64-25G4WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS256K32-20G4C ETC1-WS256K32-20G4C Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4CA ETC1-WS256K32-20G4CA Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4I ETC1-WS256K32-20G4I Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4IA ETC1-WS256K32-20G4IA Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS256K32-20G4M ETC1-WS256K32-20G4M Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
More results

Similar Description - WS256K64-25G4WM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS128K48-XG4WX ETC-WS128K48-XG4WX Datasheet
78Kb / 5P
   128Kx48 SRAM MODULE
WS256K32-XXX ETC1-WS256K32-XXX Datasheet
176Kb / 7P
   256Kx32 SRAM MODULE
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WS512K16-XXX WEDC-WS512K16-XXX Datasheet
321Kb / 6P
   512Kx16 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
List of Unclassifed Man...
WS512K32NBV-15G2 ETC-WS512K32NBV-15G2 Datasheet
170Kb / 8P
   512Kx32 3.3V SRAM MODULE
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
logo
List of Unclassifed Man...
WSE128K16-35G2T ETC-WSE128K16-35G2T Datasheet
158Kb / 15P
   128KX16 SRAM/EEPROM MODULE
WS128K48V-15G4 ETC-WS128K48V-15G4 Datasheet
151Kb / 5P
   128Kx48 3.3V SRAM MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com