Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE310C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # VRE310C
Description  Low Cost Precision Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE310C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  VRE310C Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE310C Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE310C Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE310C Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE310C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
THEORY OF OPERATION
The following discussion refers to the schematic in
figure 2 below. In operation, approximately 6.3 volts is
applied to the noninverting input of the op amp. The
voltage is amplified by the op amp to produce a 10.000V
output. The gain is determined by the networks R1 and
R2: G=1 + R2/R1. The 6.3V zener diode is used because
it is the most stable diode over time and temperature.
The zener operating current is derived from the
regulated output voltage through R3. This feedback
arrangement provides a closely regulated zener current.
This current determines the slope of the references'
voltage vs. temperature function. By trimming the zener
current a lower drift over temperature can be achieved.
But since the voltage vs. temperature function is nonlinear
this compensation technique is not well suited for wide
temperature ranges.
Thaler
Corporation
has
developed
a
nonlinear
compensation network of thermistors and resistors that is
used in the VRE series voltage references. This
proprietary network eliminates most of the nonlinearity in
the voltage vs. temperature function. By then adjusting
the slope, Thaler Corporation produces a very stable
voltage over wide temperature ranges.
DISCUSSION OF PERFORMANCE
VRE310DS REV. D MAY 2001
This network is less than 2% of the overall network
resistance so it has a negligible effect on long term
stability. By using highly stable resistors in our network,
we produce a voltage reference that also has very good
long term stability
Figure 3 shows the proper connection of the VRE310
series voltage references with the optional trim resistor.
The VRE310 reference has the ground terminal brought
out on two pins (pin 4 and pin 7) which are connected
together internally. This allows the user to achieve greater
accuracy when using a socket. Voltage references have a
voltage drop across their power supply ground pin due to
quiescent current flowing through the contact resistance.
If the contact resistance was constant with time and
temperature, this voltage drop could be trimmed out.
When the reference is plugged into a socket, this source
of error can be as high as 20ppm. By connecting pin 4 to
the power supply ground and pin 7 to a high impedance
ground point in the measurement circuit, the error due to
the contact resistance can be eliminated. If the unit is
soldered into place, the contact resistance is sufficiently
small that it does not effect performance. Pay careful
attention to the circuit layout to avoid noise pickup and
voltage drops in the lines.
VRE310
FIGURE 2
EXTERNAL CONNECTIONS
FIGURE 3
8
4
6
5
+ V
OUT
2
+ V
IN
VRE310
10k
C
N
1µF
OPTIONAL
NOISE REDUCTION
CAPACITOR
OPTIONAL
FINE TRIM
ADJUSTMENT
3
V TEMP OUT
7
REF. GND


Similar Part No. - VRE310C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE310C ETC-VRE310C Datasheet
2Mb / 41P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE310CD CIRRUS-VRE310CD Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE310CS CIRRUS-VRE310CS Datasheet
602Kb / 5P
   Precision Voltage Reference
More results

Similar Description - VRE310C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com