Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT86C100A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # VT86C100A
Description  PCI FAST ETHERNET CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT86C100A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button VT86C100A Datasheet HTML 3Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 4Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 5Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 6Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 7Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 8Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 9Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 10Page - List of Unclassifed Manufacturers VT86C100A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
VIA Technologies, Inc.
Preliminary VT86C100A
25
PAR
T/S
Parity is even parity across AD31-0 and CBE3-0B. PAR is stable and
valid one clock after the address phase. For data phases PAR is stable
and valid one clock after either IRDY# is asserted on a write transaction
or TRDY# is asserted on a read transaction.
118
GNT#
I
Bus grant asserts to indicate to the VT86C100A that access to the bus is
granted.
119
REQ#
O
Bus request is asserted by the bus master indicate to the bus arbiter that
it wants to use the bus.
23
PERR#
I/O
Parity error asserts when a data parity error is detected
120
PME#
O
Power management event interrupt
111
HDRST
O
When PCIRST# is asserted low, the VT86C100A chip performs an
internal system hardware reset. Then HDRST is asserted high for
external device reset signal like PHY device.
Network Interface
91
MCOL
I
Collision detect when the external PHY device
90
MCRS
I
Carrier sense is asserted by the external PHY when the media is active
92-95
MTXD[3-0]
O
MII 4 parallel transmit data lines. This data be synchronized to assertion
by the MTXC signal
96
MTXEN
O
Transmit enable signals that the transmit is active in the MII port to an
external PHY device
99
MTXC
I
MII transmit clock
supports the 25mhz or 2.5mhz
transmit clock
supplied by the external PMD device. This clock should always be
active.
100
MERR
I
MII receive error asserts when a data decoding
error is detected by
external PHY device.
101
MRXC
I
MII receive clock supports the 25mhz or 2.5mhz clock. This clock is
recovered by the PHY.
102
MRXDV
I
MII data valid
103-106
MRXD[0-3]
I
Four parallel receive data lines. This data be driven from external PHY
be synchronized with MRXC signal.
109
MDC
O
MII management data clock be soured by VT86C100A MDC bit
(MIIR:0) to the external PHY devices as timing reference for the
MDIO signal.
110
MDIO
I/O
MII management data input/output, read from MDI bit (MIIR:1) or
written from MDO bit (MIIR:2)
112
GPIO
I/O
GPIO
External Memory Support & General purpose I/O support
49
EECS
O
EEPROM Chip Select: Chip select signal for the external EEPROM
when a EEPROM is used to provide the configuration data and
Ethernet Address. A 100K pull-up resistor is connected.
50
BPRD#
O
Boot PROM Read: Read the Boot ROM on the memory support data
bus.
51
MD0/
EEDO
I/O
Bootrom data 0
Serial ROM Data output
52
MD1/
EEDI
O/O
Bootrom data 1
Serial ROM Data input
53
MD2/ EECLK
O/O
Bootrom data 2
Serial ROM Clock signal
54-55,58-
60
MD3-7
I/O
Bootrom Data [3-7] :


Similar Part No. - VT86C100A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
More results

Similar Description - VT86C100A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
logo
InnovASIC, Inc
IA186ES INNOVASIC-IA186ES Datasheet
94Kb / 19P
   PCI FAST ETHERNET LAN CONTROLLER
logo
Intel Corporation
82551QM INTEL-82551QM Datasheet
867Kb / 120P
   Fast Ethernet Multifunction PCI/CardBus Controller
logo
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
List of Unclassifed Man...
VT86C926 ETC-VT86C926 Datasheet
87Kb / 24P
   AMAZON PCI ETHERNET CONTROLLER
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
Micrel Semiconductor
KSZ8841-PMQL MICREL-KSZ8841-PMQL Datasheet
171Kb / 2P
   Ethernet MAC Controller with PCI Interface
logo
List of Unclassifed Man...
AN983B ETC-AN983B Datasheet
2Mb / 91P
   PCI/miniPCI-to-Ethernet LAN Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com