Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC35705P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC35705P
Description  HIGH - SPEED VOLTAGE MODE PULSE MODE WIDTH MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC35705P Datasheet(HTML) 2 Page - Texas Instruments

  UCC35705P Datasheet HTML 1Page - Texas Instruments UCC35705P Datasheet HTML 2Page - Texas Instruments UCC35705P Datasheet HTML 3Page - Texas Instruments UCC35705P Datasheet HTML 4Page - Texas Instruments UCC35705P Datasheet HTML 5Page - Texas Instruments UCC35705P Datasheet HTML 6Page - Texas Instruments UCC35705P Datasheet HTML 7Page - Texas Instruments UCC35705P Datasheet HTML 8Page - Texas Instruments UCC35705P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
UCC25705, UCC25706, UCC35705, UCC35706
HIGHSPEED VOLTAGE MODE PULSE WIDTH MODULATOR
SLUS473A – NOVEMBER 1999 – REVISED MARCH 2001
2
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (VFF,RC,ILIM)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (FB)
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (DISCH)
1 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output current (OUT) dc
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering, 10 sec.)
300
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Power
Supply Control Data Book (TI Literature Number SLUD003) for thermal limitations and considerations of packages.
AVAILABLE OPTIONS
Packaged Devices
TA = TJ
UVLO Option
SOIC-8
Small Outline (D)
PDIP-8
Plastic Dip (P)
MSOP-8
Small Outline
(DGK)
–40
°Cto85°C
8.8V/8V
UCC25705D
UCC25705P
UCC25705DGK
–40
°C to 85°C
12V/8V
UCC25706D
UCC25706P
UCC25706DGK
0
°Cto70°C
8.8V/8V
UCC35705D
UCC35705P
UCC35705DGK
0
°C to 70°C
12V/8V
UCC35706D
UCC35706P
UCC35706DGK
† D (SOIC–8) and DGK (MSOP–8) packages are available taped and reeled. Add R suffix to device type (e.g.
UCC35705DR) to order quantities of 2500 devices per reel for SOIC-8 and 2000 devices per reel for the MSOP-8.
electrical characteristics, VDD = 11 V, VIN = 30 V, RT = 47 k, RDISCH = 400 k, RFF = 14 k, CT = 220 pF,
CVDD = 0.1 µF, and no load on the outputs, 0°C ≤ TA ≤ 70°C for the UCC3570x and –40°C ≤ TA ≤ 85°C
for the UCC2570x, TA = TJ, (unless otherwise specified)
UVLO section (UCCx5705)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Start threshold
8.0
8.8
9.6
V
Stop threshold
7.4
8.2
9.0
V
Hysteresis
0.3
0.6
1.0
V
UVLO section (UCCx5706)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Start threshold
11.2
12.0
12.8
V
Stop threshold
7.2
8.0
8.8
V
Hysteresis
3.5
4.0
4.5
V
supply current section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Start-up current
VDD = UVLO start – 1 V, VDD comparator off
30
90
µA
IDD active
VDD comparator on, oscillator running at 1 MHz
4.2
5.0
mA


Similar Part No. - UCC35705P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC35705DG4 TI1-UCC35705DG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35705DGKG4 TI1-UCC35705DGKG4 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35705DTR TI1-UCC35705DTR Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results

Similar Description - UCC35705P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
[Old version datasheet]   HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
[Old version datasheet]   HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC35701 TI1-UCC35701_13 Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701_05 Datasheet
646Kb / 21P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC15701 TI-UCC15701 Datasheet
163Kb / 10P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
UCC25702D TI1-UCC25702D Datasheet
1Mb / 24P
[Old version datasheet]   Advanced Voltage Mode Pulse Width Modulator
logo
Microchip Technology
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
   High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
   High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
   High Speed Monolithic Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com