Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76827QDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS76827QDRG4
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76827QDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS76827QDRG4 Datasheet HTML 1Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 2Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 3Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 4Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 5Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 6Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 7Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 8Page - Texas Instruments TPS76827QDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE 1 - FREE-AIR TEMPERATURES
DISSIPATION RATING TABLE 2 - FREE-AIR TEMPERATURES
RECOMMENDED OPERATING CONDITIONS
TPS76815Q, TPS76818Q, TPS76825Q
TPS76827Q, TPS76828Q, TPS76830Q
TPS76833Q, TPS76850Q, TPS76801Q
SLVS211J – JUNE 1999 – REVISED OCTOBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates
over operating free-air temperature range (unless otherwise noted) (1)
Input voltage range, VI(2)
-0.3 V to 13.5 V
Voltage range at EN
-0.3 V to VI + 0.3 V
Maximum PG voltage
16.5 V
Peak output current
Internally limited
Continuous total power dissipation
See dissipation rating tables
Output voltage, VO (OUT, FB)
7 V
Operating junction temperature range, TJ
-40
°C to 125°C
Storage temperature range, Tstg
-65
°C to 150°C
ESD rating, HBM
2 kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network terminal ground.
TA < 25°C POWER
DERATING FACTOR
TA = 70°C POWER
TA = 85°C POWER
PACKAGE
AIR FLOW (CFM)
RATING
ABOVE TA = 25°C
RATING
RATING
0
568.18 mW
5.6818 mW/
°C
312.5 mW
227.27 mW
D
250
904.15 mW
9.0415 mW/
°C
497.28 mW
361.66 mW
TA < 25°C POWER
DERATING FACTOR
TA = 70°C POWER
TA = 85°C POWER
PACKAGE
AIR FLOW (CFM)
RATING
ABOVE TA = 25°C
RATING
RATING
0
2.9 W
23.5 mW/
°C
1.9 W
1.5 W
PWP(1)
300
4.3 W
34.6 mW/
°C
2.8 W
2.2 W
0
3 W
23.8 mW/
°C
1.9 W
1.5 W
PWP(2)
300
7.2 W
57.9 mW/
°C
4.6 W
3.8 W
(1)
This parameter is measured with the recommended copper heat sink pattern on a 1-layer PCB, 5-in x 5-in PCB, 1 oz. copper, 2-in x 2-in
coverage (4 in2).
(2)
This parameter is measured with the recommended copper heat sink pattern on an 8-layer PCB, 1.5-in x 2-in PCB, 1 oz. copper, with
layers 1, 2, 3, 4, 5, 7, and 8 at 5% coverage (0.9 in2) and layers 3 and 6 at 100% coverage (6 in2). For more information, refer to TI
technical brief SLMA002, available for download at www.ti.com.
MIN
MAX
UNIT
Input voltage, VI(1)
2.7
10
V
Output voltage range, VO
1.2
5.5
V
Output current, IO(2)
0
1.0
A
Operating junction temperature, TJ(2)
40
125
°C
(1)
To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min)= VO(max) + VDO(max load).
(2)
Continuous current and operating junction temperature are limited by internal protection circuitry, but it is not recommended that the
device operate under conditions beyond those specified in this table for extended periods of time.
5


Similar Part No. - TPS76827QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76827QDRG4 TI-TPS76827QDRG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76827QDRG4 TI-TPS76827QDRG4 Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76827QDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com